Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 169Page - National Semiconductor (TI) SC2200 Datasheet HTML 170Page - National Semiconductor (TI) SC2200 Datasheet HTML 171Page - National Semiconductor (TI) SC2200 Datasheet HTML 172Page - National Semiconductor (TI) SC2200 Datasheet HTML 173Page - National Semiconductor (TI) SC2200 Datasheet HTML 174Page - National Semiconductor (TI) SC2200 Datasheet HTML 175Page - National Semiconductor (TI) SC2200 Datasheet HTML 176Page - National Semiconductor (TI) SC2200 Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 433 page
background image
Revision 3.0
173
www.national.com
Core Logic Module (Continued)
General Purpose Timers
The Core Logic module contains two general purpose idle
timers, General Purpose Timer 1 (F0 Index 88h) and Gen-
eral Purpose Timer 2 (F0 Index 8Ah). These two timers are
similar to the Device Idle Timers in that they count down to
zero unless re-triggered, and generate an SMI when they
reach zero. However, these are 8-bit timers instead of 16
bits, they have a programmable timebase, and the events
which reload these timers are configurable. These timers
are typically used for an indication of system inactivity for
Suspend determination.
General Purpose Timer 1 can be re-triggered by activity to
any of the configured User Defined Devices, Keyboard and
Mouse, Parallel and Serial, Floppy disk, or Hard disk.
General Purpose Timer 2 can be re-triggered by a transi-
tion on the GPIO7 signal (if GPIO7 is properly configured).
When a General Purpose Timer is enabled or when an
event reloads the timer, the timer is loaded with the config-
ured count value. Upon expiration of the timer an SMI is
generated and a status flag is set. Once expired, this
counter must be re-initialized by disabling and enabling it.
The timebase for both General Purpose Timers can be
configured as either 1 second (default) or 1 millisecond.
The registers at F0 Index 89h and 8Bh are the control reg-
isters for the General Purpose Timers.
ACPI Timer Register
The ACPI Timer register (F1BAR0+I/O Offset 1Ch or at
F1BAR1+I/O Offset 1Ch) provides the ACPI counter. The
counter counts at 14.31818/4 MHz (3.579545 MHz). If SMI
generation is enabled (F0 Index 83h[5] = 1), an SMI or SCI
is generated when bit 23 toggles.
Power Management SMI Status Reporting Registers
The Core Logic module updates status registers to reflect
the SMI sources. Power management SMI sources are the
device idle timers, address traps, and general purpose I/O
pins.
Power management events are reported to the GX1 mod-
ule through the active low SMI# signal. When an SMI is ini-
tiated, the SMI# signal is asserted low and is held low until
all SMI sources are cleared. At that time, SMI# is deas-
serted.
All SMI sources report to the Top Level SMI Status register
(F1BAR0+I/O Offset 02h) and the Top Level SMI Status
Mirror register (F1BAR0+I/O Offset 00h). The Top SMI Sta-
tus and Status Mirror registers are the top level of hierarchy
for the SMI Handler in determining the source of an SMI.
These two registers are identical except that reading the
register at F1BAR0+I/O Offset 02h clears the status.
Since all SMI sources report to the Top Level SMI Status
register, many of its bits combine a large number of events
requiring a second level of SMI status reporting. The sec-
ond level of SMI status reporting is set up very much like
the top level. There are two status reporting registers, one
“read only” (mirror) and one “read to clear”. The data
returned by reading either offset is the same, the difference
between the two being that the SMI can not be cleared by
reading the mirror register.
Figure5-11on page174 shows anexample SMItreefor
checking and clearing the source of General Purpose Tim-
ers and the User Defined Trap generated SMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com