Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 170 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 170 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 166Page - National Semiconductor (TI) SC2200 Datasheet HTML 167Page - National Semiconductor (TI) SC2200 Datasheet HTML 168Page - National Semiconductor (TI) SC2200 Datasheet HTML 169Page - National Semiconductor (TI) SC2200 Datasheet HTML 170Page - National Semiconductor (TI) SC2200 Datasheet HTML 171Page - National Semiconductor (TI) SC2200 Datasheet HTML 172Page - National Semiconductor (TI) SC2200 Datasheet HTML 173Page - National Semiconductor (TI) SC2200 Datasheet HTML 174Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 433 page
background image
www.national.com
170
Revision 3.0
Core Logic Module (Continued)
will remain active after POR#. Therefore, BIOS must
ensure that ACPI is inactive before GPIO63 is pulsed low.
Power Button Wake Event - Detection of a high-to-low
transition on the debounced PWRBTN# input signal when
in SL1 to SL5 Sleep states. The system is considered in
the Sleep state, only after it actually transitioned into the
state and not only according to the SLP_TYP field.
In
reaction
to
this
event,
the
PWRBTN_STS
bit
(F1BAR1+I/O Offset 08h[8]) is set to 1 and a wakeup event
or an interrupt is generated (note that this is regardless of
the PWRBTN_EN bit, F1BAR1+I/O Offset 0Ah[8]).
Power Button Sleep Event - Detection of a high-to-low
transition on the debounced PWRBTN# input signal, when
in the Working state (S0).
In reaction to this event, the PWRBTN_STS bit is set to 1.
• When both the PWRBTN_STS bit and the
PWRBTN_EN bit are set to 1, an SCI interrupt is gener-
ated.
• When SCI_EN bit is 0, ONCTL# and PWRCNT[2:1] are
deasserted immediately regardless of the PWRBTN_EN
bit.
Power Button Override
When PWRBTN# is 0 for more than four seconds, ONCTL#
and PWRCNT[2:1] are deasserted (i.e., the system transi-
tions to the SL5 state, "Soft Off"). This power management
event is called the power button override event.
In reaction to this event, the PWRBTN_STS bit is cleared
to 0 and the PWRBTNOR_STS bit (F1BAR1+I/O Offset
08h[11]) is set to 1.
Thermal Monitoring
The thermal monitoring event (THRM#) enables control of
ACPI-OS Control.
When the THRM# signal transitions from high-to-low, the
THRM_STS bit (F1BAR1+I/O Offset 10h[5]) is set to 1. If
the THRM_EN bit (F1BAR1+I/O Offset 12h[5]) is also set
to 1, an interrupt is generated.
SDATA_IN2, IRRX1, RI2#
Section 4.4.1 "SIO Control and Configuration Registers" on
page 106 for control and operation.
5.2.9.5
Usage Hints
• During initialization, the BIOS should:
— Clear the SUSP_HLT bit in CCR2 (GX1 module,
Index C2h[3]) to 0. This is needed for compliance
with C0 definition of ACPI, when the Halt Instruction
(HLT) is executed.
— Disable the SUSP_3V option in C3 power state (F0
Index 60h[2]).
— Disable the SUSP_3V option in SL1 sleep state (F0
Index 60h[1]).
• SMM code should clear the CLK_STP bit in the PM
Clock Stop Control register (GX_BASE+Memory Offset
8500h[0]) to 0 when entering C3 state.
• SMM code should correctly set the CLK_STP bit in the
PM Clock Stop Control register (GX_BASE+Memory
Offset 8500h[0]) when entering the SL1, SL2, and SL3
states.
5.2.10 Power Management Programming
The power management resources provided by a com-
bined GX1 module and Core Logic module based system
supports a high efficiency power management implementa-
tion. The following explanations pertain to a full-featured
“notebook” power management system. The extent to
which these resources are employed depends on the appli-
cation and on the discretion of the system designer.
Power management resources can be grouped according
to the function they enable or support. The major functions
are as follows:
• APM Support
• CPU Power Management
— Suspend Modulation
— 3V Suspend
—Save-to-Disk
• Peripheral Power Management
— Device Idle Timers and Traps
— General Purpose Timers
— ACPI Timer Register
— Power Management SMI Status Reporting Registers
Included in the following subsections are details regarding
the registers used for configuring power management fea-
tures. The majority of these registers are directly accessed
through the PCI configuration register space designated as
Function 0 (F0). However, included in the discussions are
references to F1BARx+I/O Offset xxh. This refers to regis-
ters accessed through base address registers in Function 1
(F1) at Index 10h (F1BAR0) and Index 40h (F1BAR1).
5.2.10.1 APM Support
Many notebook computers rely solely on an Advanced
Power Management (APM) driver for enabling the operat-
ing system to power-manage the CPU. APM provides sev-
eral
services
which
enhance
the
system
power
management; but in its current form, APM is imperfect for
the following reasons:
• APM is an OS-specific driver, and may not be available
for some operating systems.
• Application support is inconsistent. Some applications in
foreground may prevent Idle calls.
• APM does not help with Suspend determination or
peripheral power management.
The Core Logic module provides two entry points for APM
support:
• Software CPU Suspend control via the CPU Suspend
Command register (F0 Index AEh)
• Software SMI entry via the Software SMI register (F0
Index D0h). This allows the APM BIOS to be part of the
SMI handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com