Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 167Page - National Semiconductor (TI) SC2200 Datasheet HTML 168Page - National Semiconductor (TI) SC2200 Datasheet HTML 169Page - National Semiconductor (TI) SC2200 Datasheet HTML 170Page - National Semiconductor (TI) SC2200 Datasheet HTML 171Page - National Semiconductor (TI) SC2200 Datasheet HTML 172Page - National Semiconductor (TI) SC2200 Datasheet HTML 173Page - National Semiconductor (TI) SC2200 Datasheet HTML 174Page - National Semiconductor (TI) SC2200 Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 433 page
background image
Revision 3.0
171
www.national.com
Core Logic Module (Continued)
5.2.10.2 CPU Power Management
The three greatest power consumers in a system are the
display, the hard drive, and the CPU. The power manage-
ment of the first two is relatively straightforward and is dis-
cussed
in
Section
5.2.10.3
"Peripheral
Power
Management" on page 172.
APM, if available, is used primarily by CPU power manage-
ment since the operating system is most capable of report-
ing the Idle condition. Additional resources provided by the
Core Logic module supplement APM by monitoring exter-
nal activity and power managing the CPU based on the
system demands. The two processes for power managing
the CPU are Suspend Modulation and 3V Suspend.
Suspend Modulation
Suspend Modulation works by asserting and deasserting
the internal SUSP# signal to the GX1 module for config-
urable durations. When SUSP# is asserted to the GX1
module, it enters an Idle state during which time the power
consumption is significantly reduced. Even though the PCI
clock is still running, the GX1 module stops the clocks to its
core when SUSP# is asserted. By modulating SUSP# a
reduced frequency of operation is achieved.
The Suspend Modulation feature works by assuming that
the GX1 module is Idle unless external activity indicates
otherwise. This approach effectively slows down the GX1
module until external activity indicates a need to run at full
speed,
thereby
reducing
power
consumption.
This
approach is the opposite of that taken by most power man-
agement schemes in the industry, which run the system at
full speed until a period of inactivity is detected, and then
slows down. Suspend Modulation, the more aggressive
approach, yields lower power consumption.
Suspend Modulation serves as the primary CPU power
management mechanism when APM is not present. It also
acts as a backup for situations where APM does not cor-
rectly detect an Idle condition in the system.
To provide high-speed performance when needed, SUSP#
modulation is temporarily disabled any time system activity
is detected. When this happens, the GX1 module is
“instantly” converted to full speed for a programmed dura-
tion. System activities in the Core Logic module are
asserted as: any unmasked IRQ, accessing Port 061h, any
asserted SMI, and/or accessing the Video Processor mod-
ule interface.
The graphics controller is integrated in the GX1 module.
Therefore, the indication of video activity is sent to the Core
Logic module via the serial link (see Section 5.2.2 "PSE-
RIAL Interface" on page 152 for more information on serial
link) and is automatically decoded. Video activity is defined
as any access to the VGA register space, the VGA frame
buffer, the graphics accelerator control registers and the
configured graphics frame buffer.
The automatic speedup events (video and IRQ) for Sus-
pend Modulation should be used together with software-
controlled speedup registers for major I/O events such as
any access to the FDC, HDD, or parallel/serial ports, since
these are indications of major system activities. When
major I/O events occur, Suspend Modulation should be
temporarily disabled using the procedures described in the
Power Management registers in the following subsections.
If a bus master (UltraDMA/33, Audio, USB) request occurs,
the GX1 module automatically deasserts SUSPA# and
grants the bus to the requesting bus master. When the bus
master deasserts REQ#, SUSPA# reasserts. This does not
directly affect the Suspend Modulation programming.
Configuring Suspend Modulation: Control of the Sus-
pend Modulation feature is accomplished using the Sus-
pend Modulation and Suspend Configuration registers (F0
Index 94h and 96h, respectively).
The Suspend Configuration register contains the global
power management enable bit, as well as the enables for
the individual activity speedup timers. The global power
management bit must be enabled for Suspend Modulation
and all other power management resources to function.
Bit 0 of the Suspend Configuration register enables Sus-
pend Modulation. Bit 1 controls how SMI events affect Sus-
pend Modulation. In general this bit should be set to 1,
which causes SMIs to disable Suspend Modulation until it
is re-enabled by the SMI handler.
The Suspend Modulation register controls two 8-bit
counters that represent the number of 32 µs intervals that
the internal SUSP# signal is asserted and then deasserted
to the GX1 module. These counters define a ratio which is
the effective frequency of operation of the system while
Suspend Modulation is enabled.
The IRQ and Video Speedup Timer Count registers (F0
Index 8Ch and 8Dh) configure the amount of time which
Suspend Modulation is disabled when the respective
events occur.
SMI Speedup Disable: If the Suspend Modulation feature
is being used for CPU power management, the occurrence
of an SMI disables Suspend Modulation so that the system
operates at full speed while in SMM. There are two meth-
ods used to invoke this via bit 1 of the Suspend Configura-
tion register.
1)
If F0 Index 96h[1] = 0: Use the IRQ Speedup Timer
(F0 Index 8Ch) to temporarily disable Suspend Modu-
lation when an SMI occurs.
2)
If F0 Index 96h[1] = 1: Disable Suspend Modulation
when an SMI occurs until a read to the SMI Speedup
Disable register (F1BAR0+I/O Offset 08h).
The SMI Speedup Disable register prevents VSA software
from entering Suspend Modulation while operating in
SMM. The data read from this register can be ignored. If
the Suspend Modulation feature is disabled, reading this
I/O location has no effect.
Feff =FGX1 x
Asserted Count
Asserted Count + Deasserted Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com