Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 168 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 168 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 164Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 165Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 166Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 167Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 168Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 169Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 170Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 171Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-4. DM6437 LPSC Assignments
LPSC
Peripheral/Module
LPSC
Peripheral/Module
LPSC
Peripheral/Module
Number
Number
Number
0
VPSS DMA
14
EMIFA
28
TIMER1
1
VPSS MMR
15
PCI
29
Reserved
2
EDMACC
16
McBSP0
30
Reserved
3
EDMATC0
17
McBSP1
31
Reserved
4
EDMATC1
18
I2C
32
Reserved
5
EDMATC2
19
UART0
33
Reserved
6
EMAC Memory Controller
20
UART1
34
Reserved
7
MDIO
21
Reserved
35
Reserved
8
EMAC
22
HECC
36
Reserved
9
McASP0
23
PWM0
37
Reserved
10
Reserved
24
PWM1
38
Reserved
11
VLYNQ
25
PWM2
39
C64x+ CPU
12
HPI
26
GPIO
40
Reserved
13
DDR2 Memory Controller
27
TIMER0
Table 6-5. PSC Register Memory Map
REGISTER
HEX ADDRESS RANGE
DESCRIPTION
ACRONYM
0x01C4 1000
PID
Peripheral Revision and Class Information Register
0x01C4 1004 - 0x01C4 100F
–
Reserved
0x01C4 1010
–
Reserved
0x01C4 1014
–
Reserved
0x01C4 1018
INTEVAL
Interrupt Evaluation Register
0x01C4 101C - 0x01C4 103F
–
Reserved
0x01C4 1040
–
Reserved
0x01C4 1044
MERRPR1
Module Error Pending 1 (mod 32- 63) Register
0x01C4 1048 - 0x01C4 104F
–
Reserved
0x01C4 1050
–
Reserved
0x01C4 1054
MERRCR1
Module Error Clear 1 (mod 32 - 63) Register
0x01C4 1058 - 0x01C4 105F
–
Reserved
0x01C4 1060
–
Reserved
0x01C4 1064 - 0x01C4 1067
–
Reserved
0x01C4 1068
–
Reserved
0x01C4 106C - 0x01C4 111F
–
Reserved
0x01C4 1120
PTCMD
Power Domain Transition Command Register
0x01C4 1124 - 0x01C4 1127
–
Reserved
0x01C4 1128
PTSTAT
Power Domain Transition Status Register
0x01C4 112C - 0x01C4 11FF
–
Reserved
0x01C4 1200
PDSTAT0
Power Domain Status 0 Register (Always On)
0x01C4 1204 - 0x01C4 12FF
–
Reserved
0x01C4 1300
PDCTL0
Power Domain Control 0 Register (Always On)
0x01C4 1304 - 0x1C4 150F
–
Reserved
0x01C4 1510
–
Reserved
0x01C4 1514
–
Reserved
0x01C4 1518 - 0x01C4 15FF
–
Reserved
0x01C4 1600 - 0x01C4 17FF
–
Reserved
Peripheral Information and Electrical Specifications
168
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com