Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 170 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 166Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 167Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 168Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 169Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 170Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 171Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 172Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 173Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 306 page
background image
6.4 Enhanced Direct Memory Access (EDMA3) Controller
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-5. PSC Register Memory Map (continued)
REGISTER
HEX ADDRESS RANGE
DESCRIPTION
ACRONYM
0x01C4 1A34
MDCTL13
Module Control 13 Register (DDR2)
0x01C4 1A38
MDCTL14
Module Control 14 Register (EMIFA)
0x01C4 1A3C
MDCTL15
Module Control 15 Register (PCI)
0x01C4 1A40
MDCTL16
Module Control 16 Register (McBSP0)
0x01C4 1A44
MDCTL17
Module Control 17 Register (McBSP1)
0x01C4 1A48
MDCTL18
Module Control 18 Register (I2C)
0x01C4 1A4C
MDCTL19
Module Control 19 Register (UART0)
0x01C4 1A50
MDCTL20
Module Control 20 Register (UART1)
0x01C4 1A54
–
Reserved
0x01C4 1A58
MDCTL22
Module Control 22 Register (HECC)
0x01C4 1A5C
MDCTL23
Module Control 23 Register (PWM0)
0x01C4 1A60
MDCTL24
Module Control 24 Register (PWM1)
0x01C4 1A64
MDCTL25
Module Control 25 Register (PWM2)
0x01C4 1A68
MDCTL26
Module Control 26 Register (GPIO)
0x01C4 1A6C
MDCTL27
Module Control 27 Register (TIMER0)
0x01C4 1A70
MDCTL28
Module Control 28 Register (TIMER1)
0x01C4 1A74 - 0x01C4 1A9B
–
Reserved
0x01C4 1A9C
MDCTL39
Module Control 39 Register (C64x+ CPU)
0x01C4 1AA0
–
Reserved
0x01C4 1AA4 - 0x01C4 1FFF
–
Reserved
The EDMA controller handles all data transfers between memories and the device slave peripherals on
the DM6437 device. These data transfers include cache servicing, non-cacheable memory accesses,
user-programmed data transfers, and host accesses. These are summarized as follows:
• Transfer to/from on-chip memories
–
DSP L1D memory
–
DSP L2 memory
• Transfer to/from external storage
–
DDR2 SDRAM
–
NAND flash
–
Asynchronous EMIF (EMIFA)
• Transfer to/from peripherals/hosts
–
VLYNQ
–
HPI
–
McBSP0/1
–
McASP0
–
PWM
–
UART0/1
–
HECC
–
PCI
The EDMA supports two addressing modes: constant addressing and increment addressing. On the
DM6437, constant addressing mode is not supported by any peripheral or internal memory. For more
information on these two addressing modes, see the TMS320DM643x DMP Enhanced Direct Memory
Access (EDMA3) Controller User’s Guide (literature number SPRU987).
Peripheral Information and Electrical Specifications
170
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com