Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 171 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 171 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 167Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 168Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 169Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 170Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 171Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 172Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 173Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 174Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 306 page
background image
6.4.1
EDMA3 Channel Synchronization Events
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The EDMA supports up to 64 EDMA channels which service peripheral devices and external memory.
Table 6-6 lists the source of EDMA synchronization events associated with each of the programmable
EDMA channels. For the DM6437 device, the association of an event to a channel is fixed; each of the
EDMA channels has one specific event associated with it. These specific events are captured in the
EDMA event registers (ER, ERH) even if the events are disabled by the EDMA event enable registers
(EER, EERH). For more detailed information on the EDMA module and how EDMA events are enabled,
captured, processed, linked, chained, and cleared, etc., see the TMS320DM643x DMP Enhanced Direct
Memory Access (EDMA3) Controller User’s Guide (literature number SPRU987).
Table 6-6. DM6437 EDMA Channel Synchronization Events(1)
EDMA
EVENT NAME
EVENT DESCRIPTION
CHANNEL
0-1
–
Reserved
2
XEVT0
McBSP0 Transmit Event
3
REVT0
McBSP0 Receive Event
4
XEVT1
McBSP1 Transmit Event
5
REVT1
McBSP1 Receive Event
6
HISTEVT
VPSS Histogram Event
7
H3AEVT
VPSS H3A Event
8
PRVUEVT
VPSS Previewer Event
9
RSZEVT
VPSS Resizer Event
10
AXEVTE0
McASP0 Transmit Event Even
11
AXEVTO0
McASP0 Transmit Event Odd
12
AXEVT0
McASP0 Transmit Event
13
AREVTE0
McASP0 Receive Event Even
14
AREVTO0
McASP0 Receive Event Odd
15
AREVT0
McASP0 Receive Event
16-21
–
Reserved
22
URXEVT0
UART 0 Receive Event
23
UTXEVT0
UART 0 Transmit Event
24
URXEVT1
UART 1 Receive Event
25
UTXEVT1
UART 1 Transmit Event
26
–
Reserved
27
–
Reserved
28
ICREVT
I2C Receive Event
29
ICXEVT
I2C Transmit Event
30-31
–
Reserved
32
GPINT0
GPIO 0 Interrupt
33
GPINT1
GPIO 1 Interrupt
34
GPINT2
GPIO 2 Interrupt
35
GPINT3
GPIO 3 Interrupt
36
GPINT4
GPIO 4 Interrupt
37
GPINT5
GPIO 5 Interrupt
38
GPINT6
GPIO 6 Interrupt
39
GPINT7
GPIO 7 Interrupt
40
GPBNKINT0
GPIO Bank 0 Interrupt
41
GPBNKINT1
GPIO Bank 1 Interrupt
(1)
In addition to the events shown in this table, each of the 64 channels can also be synchronized with the transfer completion or alternate
transfer completion events. For more detailed information on EDMA event-transfer chaining, see the Document Support section for the
Enhanced Direct Memory Access (EDMA) Controller Reference Guide.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com