Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 175 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 175 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 171Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 172Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 173Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 174Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 175Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 176Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 177Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 178Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-7. DM6437 EDMA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01C0 04AC
Q2E11
Event Q2 Entry 11 Register
0x01C0 04B0
Q2E12
Event Q2 Entry 12 Register
0x01C0 04B4
Q2E13
Event Q2 Entry 13 Register
0x01C0 04B8
Q2E14
Event Q2 Entry 14 Register
0x01C0 04BC
Q2E15
Event Q2 Entry 15 Register
0x01C0 04C0 - 0x01C0 05FF
Reserved
0x01C0 0600
QSTAT0
Queue 0 Status Register
0x01C0 0604
QSTAT1
Queue 1 Status Register
0x01C0 0608
QSTAT2
Queue 2 Status Register
0x01C0 060C - 0x01C0 061F
Reserved
0x01C0 0620
QWMTHRA
Queue Watermark Threshold A Register for Q[2:0]
0x01C0 0624
–
Reserved
0x01C0 0640
CCSTAT
EDMA3CC Status Register
0x01C0 0644 - 0x01C0 0FFF
Reserved
Global Channel Registers
0x01C0 1000
ER
Event Register
0x01C0 1004
ERH
Event Register High
0x01C0 1008
ECR
Event Clear Register
0x01C0 100C
ECRH
Event Clear Register High
0x01C0 1010
ESR
Event Set Register
0x01C0 1014
ESRH
Event Set Register High
0x01C0 1018
CER
Chained Event Register
0x01C0 101C
CERH
Chained Event Register High
0x01C0 1020
EER
Event Enable Register
0x01C0 1024
EERH
Event Enable Register High
0x01C0 1028
EECR
Event Enable Clear Register
0x01C0 102C
EECRH
Event Enable Clear Register High
0x01C0 1030
EESR
Event Enable Set Register
0x01C0 1034
EESRH
Event Enable Set Register High
0x01C0 1038
SER
Secondary Event Register
0x01C0 103C
SERH
Secondary Event Register High
0x01C0 1040
SECR
Secondary Event Clear Register
0x01C0 1044
SECRH
Secondary Event Clear Register High
0x01C0 1048 - 0x01C0 104F
Reserved
0x01C0 1050
IER
Interrupt Enable Register
0x01C0 1054
IERH
Interrupt Enable Register High
0x01C0 1058
IECR
Interrupt Enable Clear Register
0x01C0 105C
IECRH
Interrupt Enable Clear Register High
0x01C0 1060
IESR
Interrupt Enable Set Register
0x01C0 1064
IESRH
Interrupt Enable Set Register High
0x01C0 1068
IPR
Interrupt Pending Register
0x01C0 106C
IPRH
Interrupt Pending Register High
0x01C0 1070
ICR
Interrupt Clear Register
0x01C0 1074
ICRH
Interrupt Clear Register High
0x01C0 1078
IEVAL
Interrupt Evaluate Register
0x01C0 1080
QER
QDMA Event Register
0x01C0 1084
QEER
QDMA Event Enable Register
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com