Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 179 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 179 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 175Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 176Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 177Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 178Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 179Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 180Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 181Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 182Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-7. DM6437 EDMA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01C1 038C
DFDST2
EDMA3 TC0 Destination FIFO Destination Address Register 2
0x01C1 0390
DFBIDX2
EDMA3 TC0 Destination FIFO B-Index Register 2
0x01C1 0394
DFMPPRXY2
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 2
0x01C1 0398 - 0x01C1 03BF
-
Reserved
0x01C1 03C0
DFOPT3
EDMA3 TC0 Destination FIFO Options Register 3
0x01C1 03C4
DFSRC3
EDMA3 TC0 Destination FIFO Source Address Register 3
0x01C1 03C8
DFCNT3
EDMA3 TC0 Destination FIFO Count Register 3
0x01C1 03CC
DFDST3
EDMA3 TC0 Destination FIFO Destination Address Register 3
0x01C1 03D0
DFBIDX3
EDMA3 TC0 Destination FIFO B-Index Register 3
0x01C1 03D4
DFMPPRXY3
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 3
0x01C1 03D8 - 0x01C1 03FF
-
Reserved
Transfer Controller 1 Registers
0x01C1 0400
-
Reserved
0x01C1 0404
TCCFG
EDMA3 TC1 Configuration Register
0x01C1 0408 - 0x01C1 04FF
-
Reserved
0x01C1 0500
TCSTAT
EDMA3 TC1 Channel Status Register
0x01C1 0504 - 0x01C1 0510
-
Reserved
0x01C1 0514 - 0x01C1 051F
-
Reserved
0x01C1 0520
ERRSTAT
EDMA3 TC1 Error Status Register
0x01C1 0524
ERREN
EDMA3 TC1 Error Enable Register
0x01C1 0528
ERRCLR
EDMA3 TC1 Error Clear Register
0x01C1 052C
ERRDET
EDMA3 TC1 Error Details Register
0x01C1 0530
ERRCMD
EDMA3 TC1 Error Interrupt Command Register
0x01C1 0534 - 0x01C1 053F
-
Reserved
0x01C1 0540
RDRATE
EDMA3 TC1 Read Command Rate Register
0x01C1 0544 - 0x01C1 05FF
-
Reserved
0x01C1 0600 - 0x01C1 063F
-
Reserved
0x01C1 0640
SAOPT
EDMA3 TC1 Source Active Options Register
0x01C1 0644
SASRC
EDMA3 TC1 Source Active Source Address Register
0x01C1 0648
SACNT
EDMA3 TC1 Source Active Count Register
0x01C1 064C
SADST
EDMA3 TC1 Source Active Destination Address Register
0x01C1 0650
SABIDX
EDMA3 TC1 Active B-Index Register
0x01C1 0654
SAMPPRXY
EDMA3 TC1 Source Active Memory Protection Proxy Register
0x01C1 0658
SACNTRLD
EDMA3 TC1 Source Active Count Reload Register
0x01C1 065C
SASRCBREF
EDMA3 TC1 Source Active Source Address B-Reference Register
0x01C1 0660
SADSTBREF
EDMA3 TC1 Source Active Destination Address B-Reference Register
0x01C1 0664 - 0x01C1 067F
-
Reserved
0x01C1 0680
DFCNTRLD
EDMA3 TC1 Destination FIFO Set Count Reload Register
0x01C1 0684
DFSRCBREF
EDMA3 TC1 Destination FIFO Set Source Address B-Reference Register
EDMA3 TC1 Destination FIFO Set Destination Address B-Reference
0x01C1 0688
DFDSTBREF
Register
0x01C1 068C - 0x01C1 06FF
-
Reserved
0x01C1 0700
DFOPT0
EDMA3 TC1 Destination FIFO Options Register 0
0x01C1 0704
DFSRC0
EDMA3 TC1 Destination FIFO Source Address Register 0
0x01C1 0708
DFCNT0
EDMA3 TC1 Destination FIFO Count Register 0
0x01C1 070C
DFDST0
EDMA3 TC1 Destination FIFO Destination Address Register 0
0x01C1 0710
DFBIDX0
EDMA3 TC1 Destination FIFO B-Index Register 0
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com