Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 181 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 181 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 177Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 178Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 179Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 180Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 181Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 182Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 183Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 184Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-7. DM6437 EDMA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01C1 0A60
SADSTBREF
EDMA3 TC2 Source Active Destination Address B-Reference Register
0x01C1 0A64 - 0x01C1 0A7F
-
Reserved
0x01C1 0A80
DFCNTRLD
EDMA3 TC2 Destination FIFO Set Count Reload Register
0x01C1 0A84
DFSRCBREF
EDMA3 TC2 Destination FIFO Set Source Address B-Reference Register
EDMA3 TC2 Destination FIFO Set Destination Address B-Reference
0x01C1 0A88
DFDSTBREF
Register
0x01C1 0A8C - 0x01C1 0AFF
-
Reserved
0x01C1 0B00
DFOPT0
EDMA3 TC2 Destination FIFO Options Register 0
0x01C1 0B04
DFSRC0
EDMA3 TC2 Destination FIFO Source Address Register 0
0x01C1 0B08
DFCNT0
EDMA3 TC2 Destination FIFO Count Register 0
0x01C1 0B0C
DFDST0
EDMA3 TC2 Destination FIFO Destination Address Register 0
0x01C1 0B10
DFBIDX0
EDMA3 TC2 Destination FIFO B-Index Register 0
0x01C1 0B14
DFMPPRXY0
EDMA3 TC2 Destination FIFO Memory Protection Proxy Register 0
0x01C1 0B18 - 0x01C1 0B3F
-
Reserved
0x01C1 0B40
DFOPT1
EDMA3 TC2 Destination FIFO Options Register 1
0x01C1 0B44
DFSRC1
EDMA3 TC2 Destination FIFO Source Address Register 1
0x01C1 0B48
DFCNT1
EDMA3 TC2 Destination FIFO Count Register 1
0x01C1 0B4C
DFDST1
EDMA3 TC2 Destination FIFO Destination Address Register 1
0x01C1 0B50
DFBIDX1
EDMA3 TC2 Destination FIFO B-Index Register 1
0x01C1 0B54
DFMPPRXY1
EDMA3 TC2 Destination FIFO Memory Protection Proxy Register 1
0x01C1 0B58 - 0x01C1 0B7F
-
Reserved
0x01C1 0B80
DFOPT2
EDMA3 TC2 Destination FIFO Options Register 2
0x01C1 0B84
DFSRC2
EDMA3 TC2 Destination FIFO Source Address Register 2
0x01C1 0B88
DFCNT2
EDMA3 TC2 Destination FIFO Count Register 2
0x01C1 0B8C
DFDST2
EDMA3 TC2 Destination FIFO Destination Address Register 2
0x01C1 0B90
DFBIDX2
EDMA3 TC2 Destination FIFO B-Index Register 2
0x01C1 0B94
DFMPPRXY2
EDMA3 TC2 Destination FIFO Memory Protection Proxy Register 2
0x01C1 0B98 - 0x01C1 0BBF
-
Reserved
0x01C1 0BC0
DFOPT3
EDMA3 TC2 Destination FIFO Options Register 3
0x01C1 0BC4
DFSRC3
EDMA3 TC2 Destination FIFO Source Address Register 3
0x01C1 0BC8
DFCNT3
EDMA3 TC2 Destination FIFO Count Register 3
0x01C1 0BCC
DFDST3
EDMA3 TC2 Destination FIFO Destination Address Register 3
0x01C1 0BD0
DFBIDX3
EDMA3 TC2 Destination FIFO B-Index Register 3
0x01C1 0BD4
DFMPPRXY3
EDMA3 TC2 Destination FIFO Memory Protection Proxy Register 3
0x01C1 0BD8 - 0x01C1 0BFF
-
Reserved
Table 6-8 shows an abbreviation of the set of registers which make up the parameter set for each of 128
EDMA events. Each of the parameter register sets consist of 8 32-bit word entries. Table 6-9 shows the
parameter set entry registers with relative memory address locations within each of the parameter sets.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com