Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 185 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 185 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 181Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 182Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 183Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 184Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 185Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 186Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 187Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 188Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 306 page
background image
6.5.3
Maximum Reset
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
At this point:
–
The I/O pins are controlled by the default peripherals (default peripherals are determined by
PINMUX0 and PINMUX1 registers).
–
The clock and reset of each peripheral is determined by the default settings of the Power and Sleep
Controller (PSC).
–
The PLL Controllers are operating in PLL Bypass Mode.
–
The C64x+ begins executing from DSPBOOTADDR (determined by bootmode selection).
After the reset sequence, the boot sequence begins. For more details on the boot sequence, see the
Using the TMS320DM643x Bootloader Application Report (literature number SPRAAG0)).
After the boot sequence, follow the software initialization sequence described in Section 3.8, Device
Initialization Sequence After Reset.
A Maximum (Max) Reset is initiated by the emulator or the watchdog timer (Timer 2). The effects are the
same as a warm reset, except the device boot and configuration pins are not re-latched. The emulator
initiates a maximum reset via the ICEPICK module. This ICEPICK initiated reset is non-maskable. When
the watchdog timer counter reaches zero, this will also initiate a maximum reset to recover from a runaway
condition. The watchdog timeout reset condition is masked if the TIMERCTL.WDRST bit is cleared to "0".
To invoke the maximum reset via the ICEPICK module, the user can perform the following from the Code
Composer Studio™ IDE menu: Debug
→Advanced Resets→System Reset
This is the Max Reset sequence:
1. Max Reset is initiated by the emulator or the watchdog timer.
During this time, the following happens:
–
The reset signals flow to the entire chip resetting all the modules on chip except the emulation
logic.
–
The PLL Controllers are reset thereby, switching back to PLL Bypass Mode and resetting all their
registers to default values. Both PLL1 and PLL2 are placed in reset and lose lock.
–
The RESETOUT pin becomes asserted (low), indicating the device is in reset.
2. After device initialization is complete, the PLL Controllers pause the system clocks for 10 cycles. At the
end of these 10 cycles, the RESETOUT pin is deasserted (driven high).
At this point:
–
The I/O pins are controlled by the default peripherals (default peripherals are determined by
PINMUX0 and PINMUX1 registers).
–
The clock and reset of each peripheral is determined by the default settings of the Power and Sleep
Controller (PSC).
–
The PLL Controllers are operating in PLL Bypass Mode.
–
The C64x+ begins executing from DSPBOOTADDR (determined by bootmode selection).
After the reset sequence, the boot sequence begins. Since the boot and configuration pins are not latched
with a Max Reset, the previous values (as shown in the BOOTCFG register) are used to select the boot
mode. For more details on the boot sequence, see the Using the TMS320DM643x Bootloader Application
Report (literature number SPRAAG0).
After the boot sequence, follow the software initialization sequence described in Section 3.8, Device
Initialization Sequence After Reset.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com