Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 188 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 188 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 184Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 185Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 186Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 187Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 188Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 189Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 190Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 191Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 306 page
background image
6.5.9
Reset Electrical Data/Timing
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
• EMIFA: These EMIFA signals are multiplexed with boot and configuration pins: EM_A[4], EM_A[2:0],
EM_BA[0], EM_BA[1]; therefore, they are forced 3-stated throughout RESETOUT.
–
Z+/Low Group: EM_A[4], EM_A[2:0]
–
Z+/High Group: EM_BA[0], EM_BA[1], EM_OE, EM_WE
–
Z+/Invalid Group: EM_D[7:0]
–
Z/Low Group: EM_A[21:5], EM_A[3], EM_R/W
–
Z/High Group: EM_CS2
–
Z Group: EM_WAIT/(RDY/BSY)
• DDR2 Memory Controller:
–
Clock Group: DDR_CLK, DDR_CLK
–
DDR2 Z Group: DDR_DQM[3:0], DDR_DQS[3:0], DDR_D[31:0]
–
DDR2 Low Group: DDR_CKE, DDR_BA[2:0], DDR_A[12:0]
–
DDR2 High Group: DDR_CS, DDR_WE, DDR_RAS, DDR_CAS
• PCI: All PCI pins behave according to Z Group.
• I2C: All I2C pins behave according to Z Group.
• JTAG: TDO, EMU0, and EMU1 pins behave according to Z Group. TCK, TDI, TMS, and TRST are
input-only pins.
• Clock: CLKOUT0
For more information on the pin behaviors during device-level global reset, see Figure 6-7 and Figure 6-8
in Section 6.5.9, Reset Electrical Data/Timing.
Note: If a configuration pin must be routed out from the device, the internal pullup/pulldown (IPU/IPD)
resistor should not be relied upon; TI recommends the use of an external pullup/pulldown resistor.
Table 6-11. Timing Requirements for Reset (see Figure 6-7 and Figure 6-8)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
tw(RESET)
Pulse duration, POR low or RESET low
12C(1)
ns
Setup time, boot and configuration pins valid before POR high or RESET
4
tsu(CONFIG)
12C(1)
ns
high(2)
Hold time, boot and configuration pins valid after POR high or RESET
5
th(CONFIG)
0
ns
high(2)
(1)
C = 1/MXI clock frequency in ns. The device clock source must be stable and at a valid frequency prior to meeting the tw(RESET)
requirement.
(2)
For the list of boot and configuration pins, see Table 2-5, Boot Terminal Functions.
Table 6-12. Switching Characteristics Over Recommended Operating Conditions During Reset(1)
(see Figure 6-8)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
2
td(RSTH-RSTOUTH)
Delay time, POR high or RESET high to RESETOUT high
1900C
ns
3
tw(PAUSE)
Pulse duration, SYSCLKs paused (low) before RESETOUT high
10C
10C
ns
6
td(RSTL-IV)
Delay time, POR low or RESET low to pins invalid
20
ns
7
td(RSTH-V)
Delay time, POR high or RESET high to pins valid
20
ns
8
td(RSTOUTH-V)
Delay time, RESETOUT high to pins valid
0
ns
9
td(RSTOUTH-IV)
Delay time, RESETOUT high to pins invalid
12C
ns
(1)
C = 1/CLKIN1 clock frequency in ns.
Peripheral Information and Electrical Specifications
188
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com