Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 192 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 192 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 188Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 189Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 190Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 191Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 192Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 193Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 194Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 195Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 306 page
background image
6.6 External Clock Input From MXI/CLKIN Pin
6.6.1
Clock Input Option 1—Crystal
MXI/CLKIN
MXO
C1
C2
Crystal
27MHz
MXV
SS
1.8V
MXV
DD
C
L
+
C
1C2
(C
1
) C2)
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
The DM6437 device includes two options to provide an external clock input:
• Use an on-chip oscillator with external crystal.
• Use an external 1.8-V LVCMOS-compatible clock input.
The optimal external clock input frequency is 27 MHz. Section 6.6.1 provides more details on Option 1,
using an on-chip oscillator with external crystal. Section 6.6.2 provides details on Option 2, using an
external 1.8-V LVCMOS-compatible clock input.
In this option, a crystal is used as the external clock input to the DM6437.
The 27-MHz oscillator provides the reference clock for all DM6437 subsystems and peripherals. The
on-chip oscillator requires an external 27-MHz crystal connected across the MXI and MXO pins, along
with two load capacitors, as shown in Figure 6-9. The external crystal load capacitors must be connected
only to the 27-MHz oscillator ground pin (MXVSS). Do not connect to board ground (VSS). The MXVDD pin
can be connected to the same 1.8 V power supply as DVDDR2.
Figure 6-9. 27-MHz System Oscillator
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 10 pF). CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (MXI and MXO) and to the MXVSS pin.
Table 6-13. Input Requirements for Crystal
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency of 27
4
ms
MHz)
Oscillaton frequency
27
MHz
ESR
60
Ω
Frequency Stability(1)
±50
ppm
(1)
Applies only when using the VPBE for NTSC or PAL compliant video. For video and audio applications, stability of the input clock is very
important. The user should select crystals with low enough ppm to ensure good video and audio quality for the specific application. If the
VPBE is used for NTSC or PAL compliant video output, TI recommends a 27-MHz, 50-ppm crystal. For more details on this NTSC and
PAL compliant output video, see Section 6.10.2, Video Processing Back-End (VPBE).
Peripheral Information and Electrical Specifications
192
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com