Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 195 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 195 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 191Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 192Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 193Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 194Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 195Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 196Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 197Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 198Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-15. PLLC1 Clock Frequency Ranges
CLOCK SIGNAL NAME
MIN
MAX
UNIT
MXI/CLKIN(1)
20
30
MHz
-7 devices
300
700
MHz
PLLOUT
CVDD = 1.2 V
-6/-5/-4/-L/-Q6/-Q5/-Q4 devices
300
600
MHz
-7 devices
300
520
MHz
PLLOUT
CVDD = 1.05 V
-6/-5/-4/-L/-Q5 devices
300
520
MHz
-7 devices
700
MHz
-Q6 devices
660
MHz
SYSCLK1(2) (CLKDIV1 Domain)
-6/-L devices
600
MHz
CVDD = 1.2 V
-5/-Q5 devices
500
MHz
-4/-Q4 devices
400
MHz
-7 devices
520
MHz
-6/-L devices
450
MHz
SYSCLK1(2) (CLKDIV1 Domain),
CVDD = 1.05 V
-5/-Q5 devices
400
MHz
-4 devices
350
MHz
(1)
MXI/CLKIN input clock is used for both PLL Controllers (PLLC1 and PLLC2).
(2)
Applies to "tape and reel" part number counterparts as well. For more information, see Section 2.8,
Device and Development-Support Tool Nomenclature.
Table 6-16. PLLC2 Clock Frequency Ranges
CLOCK SIGNAL NAME
MIN
MAX
UNIT
MXI/CLKIN(1)
20
30
MHz
At 1.2-V CVDD
300
900
MHz
PLLOUT
At 1.05-V CVDD
300
666
MHz
PLL2_SYSCLK1 (to DDR2 PHY)
333
MHz
PLL2_SYSCLK2 (to VPBE)
54
MHz
(1)
MXI/CLKIN input clock is used for both PLL Controllers (PLLC1 and PLLC2).
Both PLL1 and PLL2 have stabilization, lock, and reset timing requirements that must be followed.
The PLL stabilization time is the amount of time that must be allotted for the internal PLL regulators to
become stable after the PLL is powered up (after PLLCTL.PLLPWRDN bit goes through a 1-to-0
transition). The PLL should not be operated until this stabilization time has expired. This stabilization step
must be applied after these resets—a Power-on Reset, a Warm Reset, or a Max Reset, as the
PLLCTL.PLLPWRDN bit resets to a "1". For the PLL stabliziation time value, see Table 6-17.
The PLL reset time is the amount of wait time needed for the PLL to properly reset (writing PLLRST = 0)
before bringing the PLL out of reset (writing PLLRST = 1). For the PLL reset time value, see Table 6-17.
The PLL lock time is the amount of time needed from when the PLL is taken out of reset (PLLRST = 1
with PLLEN = 0) to when to when the PLL controller can be switched to PLL mode (PLLEN = 1). For the
PLL lock time value, see Table 6-17.
Table 6-17. PLL1 and PLL2 Stabilization, Lock, and Reset Times
PLL STABILIZATION/LOCK/RESET
MIN
TYP
MAX
UNIT
TIME
PLL Stabilization Time
150
µs
PLL Lock Time
2000C(1)
ns
PLL Reset Time
128C(1)
ns
(1)
C = CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 27 MHz, use C = 37.037 ns.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com