Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 199 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 195Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 196Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 197Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 198Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 199Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 200Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 201Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 202Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 306 page
background image
6.7.4
Clock PLL Electrical Data/Timing (Input and Output Clocks)
MXI/CLKIN
2
3
4
4
5
1
CLK_OUT0
(Divide-by-1)
4
4
2
1
3
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-19. Timing Requirements for MXI/CLKIN (1)(2)(3)(4) (see Figure 6-12)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
tc(MXI)
Cycle time, MXI/CLKIN
33.3
50
ns
2
tw(MXIH)
Pulse duration, MXI/CLKIN high
0.45C
0.55C
ns
3
tw(MXIL)
Pulse duration, MXI/CLKIN low
0.45C
0.55C
ns
4
tt(MXI)
Transition time, MXI/CLKIN
0.05C
ns
5
tJ(MXI)
Period jitter, MXI/CLKIN
0.02C
ns
Frequency Stability(5)
±50
ppm
(1)
The MXI/CLKIN frequency and PLL multiply factor should be chosen such that the resulting clock frequency is within the specific range
for CPU operating frequency. For example, for a -6 speed device with a 27 MHz CLKIN frequency, the PLL multiply factor should be
≤ 22.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(3)
For more details on the PLL multiplier factors, see the TMS320DM63x DMP DSP Subsystem Reference Guide (literature number
SPRU978).
(4)
C = CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 27 MHz, use C = 37.037 ns.
(5)
Applies only when using the VPBE for NTSC or PAL compliant video. For video and audio applications, stability of the input clock is very
important. The user should select a clock with low enough ppm to ensure good video and audio quality for the specific application. If the
VPBE is used for NTSC or PAL compliant video output, TI recommends a 27-MHz, 50-ppm clock. For more details on this NTSC and
PAL compliant output video, see Section 6.10.2, Video Processing Back-End (VPBE).
Figure 6-12. MXI/CLKIN Timing
Table 6-20. Switching Characteristics Over Recommended Operating Conditions for CLKOUT0(1)(2)
(see Figure 6-13)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
1
tC
Cycle time, CLKOUT0
33.3
50
ns
2
tw(CLKOUT0H)
Pulse duration, CLKOUT0 high
0.45P
0.55P
ns
3
tw(CLKOUT0L)
Pulse duration, CLKOUT0 low
0.45P
0.55P
ns
4
tt(CLKOUT0)
Transition time, CLKOUT0
0.05P
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
P = 1/CLKOUT0 clock frequency in nanoseconds (ns). For example, when CLKOUT0 frequency is 27 MHz, use P = 37.04 ns.
Figure 6-13. CLKOUT0 Timing
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com