Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 197 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 197 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 193Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 194Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 195Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 196Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 197Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 198Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 199Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 200Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 306 page
background image
6.7.2
PLL Controller Register Description(s)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
A summary of the PLL controller registers is shown in Table 6-18. For more details, see the
TMS320DM643x DMP DSP Subsystem Reference Guide (literature number SPRU978).
Table 6-18. PLL and Reset Controller Registers Memory Map
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
PLL1 Controller Registers
0x01C4 0800
PID
Peripheral ID Register
0x01C4 08E4
RSTYPE
Reset Type Register
0x01C4 0900
PLLCTL
PLL Controller 1 PLL Control Register
0x01C4 0910
PLLM
PLL Controller 1 PLL Multiplier Control Register
0x01C4 0918
PLLDIV1
PLL Controller 1 Divider 1 Register (SYSCLK1)
0x01C4 091C
PLLDIV2
PLL Controller 1 Divider 2 Register (SYSCLK2)
0x01C4 0920
PLLDIV3
PLL Controller 1 Divider 3 Register (SYSCLK3)
0x01C4 0924
OSCDIV1
PLL Controller 1 Oscillator Divider 1 Register (OBSCLK) [CLKOUT0 pin]
0x01C4 0928
–
Reserved
0x01C4 092C
BPDIV
PLL Controller 1 Bypass Divider Register (SYSCLKBP)
0x01C4 0938
PLLCMD
PLL Controller 1 Command Register
0x01C4 093C
PLLSTAT
PLL Controller 1 Status Register (Shows PLLC1 Status)
PLL Controller 1 Clock Align Control Register
0x01C4 0940
ALNCTL
(Indicates Which SYSCLKs Need to be Aligned for Proper Device Operation)
PLL Controller 1 PLLDIV Divider Ratio Change Status Register
0x01C4 0944
DCHANGE
(Indicates if SYSCLK Divide Ratio has Been Modified)
0x01C4 0948
CKEN
PLL Controller 1 Clock Enable Control Register
0x01C4 094C
CKSTAT
PLL Controller 1 Clock Status Register (For All Clocks Except SYSCLKx)
0x01C4 0950
SYSTAT
PLL Controller 1 SYSCLK Status Register (Indicates SYSCLK on/off Status)
0x01C4 0960
–
Reserved
0x01C4 0964
–
Reserved
PLL2 Controller Registers
0x01C4 0C00
PID
Peripheral ID Register
0x01C4 0D00
PLLCTL
PLL Controller 2 PLL Control Register
0x01C4 0D10
PLLM
PLL Controller 2 PLL Multiplier Control Register
0x01C4 0D18
PLLDIV1
PLL Controller 2 Divider 1 Register (SYSCLK1)
0x01C4 0D1C
PLLDIV2
PLL Controller 2 Divider 2 Register (SYSCLK2)
0x01C4 0D20 - 0x01C4 0D2C
–
Reserved
0x01C4 0D2C
BPDIV
PLL Controller 2 Bypass Divider Register (SYSCLKBP)
0x01C4 0D38
PLLCMD
PLL Controller 2 Command Register
0x01C4 0D3C
PLLSTAT
PLL Controller 2 Status Register (Shows PLLC2 Status)
PLL Controller 2 Clock Align Control Register
0x01C4 0D40
ALNCTL
(Indicates Which SYSCLKs Need to be Aligned for Proper Device Operation)
PLL Controller 2 PLLDIV Divider Ratio Change Status Register
0x01C4 0D44
DCHANGE
(Indicates if SYSCLK Divide Ratio has Been Modified)
0x01C4 0D48
–
Reserved
0x01C4 0D4C
CKSTAT
PLL Controller 2 Clock Status Register (For All Clocks Except SYSCLKx)
0x01C4 0D50
SYSTAT
PLL Controller 2 SYSCLK Status Register (Indicates SYSCLK on/off Status)
0x01C4 0D54 - 0x01C4 0FFF
–
Reserved
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com