Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 178 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 174Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 175Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 176Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 177Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 178Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 179Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 180Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 181Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-7. DM6437 EDMA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01C1 0000
-
Reserved
0x01C1 0004
TCCFG
EDMA3 TC0 Configuration Register
0x01C1 0008 - 0x01C1 00FF
-
Reserved
0x01C1 0100
TCSTAT
EDMA3 TC0 Channel Status Register
0x01C1 0104 - 0x01C1 0110
-
Reserved
0x01C1 0114 - 0x01C1 011F
-
Reserved
0x01C1 0120
ERRSTAT
EDMA3 TC0 Error Status Register
0x01C1 0124
ERREN
EDMA3 TC0 Error Enable Register
0x01C1 0128
ERRCLR
EDMA3 TC0 Error Clear Register
0x01C1 012C
ERRDET
EDMA3 TC0 Error Details Register
0x01C1 0130
ERRCMD
EDMA3 TC0 Error Interrupt Command Register
0x01C1 0134 - 0x01C1 013F
-
Reserved
0x01C1 0140
RDRATE
EDMA3 TC0 Read Command Rate Register
0x01C1 0144 - 0x01C1 01FF
-
Reserved
0x01C1 0200 - 0x01C1 023F
-
Reserved
0x01C1 0240
SAOPT
EDMA3 TC0 Source Active Options Register
0x01C1 0244
SASRC
EDMA3 TC0 Source Active Source Address Register
0x01C1 0248
SACNT
EDMA3 TC0 Source Active Count Register
0x01C1 024C
SADST
EDMA3 TC0 Source Active Destination Address Register
0x01C1 0250
SABIDX
EDMA3 TC0 Active B-Index Register
0x01C1 0254
SAMPPRXY
EDMA3 TC0 Source Active Memory Protection Proxy Register
0x01C1 0258
SACNTRLD
EDMA3 TC0 Source Active Count Reload Register
0x01C1 025C
SASRCBREF
EDMA3 TC0 Source Active Source Address B-Reference Register
0x01C1 0260
SADSTBREF
EDMA3 TC0 Source Active Destination Address B-Reference Register
0x01C1 0264 - 0x01C1 027F
-
Reserved
0x01C1 0280
DFCNTRLD
EDMA3 TC0 Destination FIFO Set Count Reload Register
0x01C1 0284
DFSRCBREF
EDMA3 TC0 Destination FIFO Set Source Address B-Reference Register
EDMA3 TC0 Destination FIFO Set Destination Address B-Reference
0x01C1 0288
DFDSTBREF
Register
0x01C1 028C - 0x01C1 02FF
-
Reserved
0x01C1 0300
DFOPT0
EDMA3 TC0 Destination FIFO Options Register 0
0x01C1 0304
DFSRC0
EDMA3 TC0 Destination FIFO Source Address Register 0
0x01C1 0308
DFCNT0
EDMA3 TC0 Destination FIFO Count Register 0
0x01C1 030C
DFDST0
EDMA3 TC0 Destination FIFO Destination Address Register 0
0x01C1 0310
DFBIDX0
EDMA3 TC0 Destination FIFO B-Index Register 0
0x01C1 0314
DFMPPRXY0
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 0
0x01C1 0318 - 0x01C1 033F
-
Reserved
0x01C1 0340
DFOPT1
EDMA3 TC0 Destination FIFO Options Register 1
0x01C1 0344
DFSRC1
EDMA3 TC0 Destination FIFO Source Address Register 1
0x01C1 0348
DFCNT1
EDMA3 TC0 Destination FIFO Count Register 1
0x01C1 034C
DFDST1
EDMA3 TC0 Destination FIFO Destination Address Register 1
0x01C1 0350
DFBIDX1
EDMA3 TC0 Destination FIFO B-Index Register 1
0x01C1 0354
DFMPPRXY1
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 1
0x01C1 0358 - 0x01C1 037F
-
Reserved
0x01C1 0380
DFOPT2
EDMA3 TC0 Destination FIFO Options Register 2
0x01C1 0384
DFSRC2
EDMA3 TC0 Destination FIFO Source Address Register 2
0x01C1 0388
DFCNT2
EDMA3 TC0 Destination FIFO Count Register 2
Peripheral Information and Electrical Specifications
178
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com