Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 230 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 230 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 226Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 227Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 228Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 229Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 230Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 231Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 232Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 233Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 306 page
background image
PCLK
(Positive Edge Clocking)
13, 31
PCLK
(Negative Edge Clocking)
11, 29
VCTL(A)
A. VCTL = HSYNC, VSYNC, LCD_FIELD, and LCD_OE
B. VDATA = COUT[7:0], YOUT[7:0], R[7:0], G[7:0], and B[7:0]
VDATA(B)
14, 32
12, 30
VPBECLK
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-44. Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
Data Output With Respect to PCLK and VPBECLK(1) (see Figure 6-25)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
11
td(PCLK-VCTLV)
Delay time, PCLK edge to VCTL valid
14
ns
12
td(PCLK-VCTLIV)
Delay time, PCLK edge to VCTL invalid
2.5
ns
13
td(PCLK-VDATAV)
Delay time, PCLK edge to VDATA valid
14
ns
14
td(PCLK-VDATAIV)
Delay time, PCLK edge to VDATA invalid
2.5
ns
29
td(VPBECLK-VCTLV)
Delay time, VPBECLK rising edge to VCTL valid
14
ns
30
td(VPBECLK-VCTLIV)
Delay time, VPBECLK rising edge to VCTL invalid
2.5
ns
31
td(VPBECLK-VDATAV)
Delay time, VPBECLK rising edge to VDATA valid
14
ns
32
td(VPBECLK-VDATAIV)
Delay time, VPBECLK rising edge to VDATA invalid
2.5
ns
(1)
PCLK may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode, the rising
edge of PCLK is referenced. When in negative edge clocking mode, the falling edge of PCLK is referenced.
Figure 6-25. VPBE Output Timing With Respect to PCLK and VPBECLK
230
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com