Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 231 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 231 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 227Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 228Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 229Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 230Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 231Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 232Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 233Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 234Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 306 page
background image
VCLK
(Positive Edge
Clocking)
VCLK
(Negative Edge
Clocking)
17
VCTL(B)
VDATA(C)
18
19
22
21
23
24
25
26
VCLKIN(A)
A. VCLKIN = PCLK or VPBECLK
B. VCTL = HSYNC, VSYNC, LCD_FIELD, and LCD_OE
C. VDATA = COUT[7:0], YOUT[7:0], R[7:0], G[7:0], and B[7:0]
20
20
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-45. Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
Data Output With Respect to VCLK(1)(2)(3) (see Figure 6-26)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
17
tc(VCLK)
Cycle time, VCLK
13.33
160
ns
18
tw(VCLKH)
Pulse duration, VCLK high
0.4C
ns
19
tw(VCLKL)
Pulse duration, VCLK low
0.4C
ns
20
tt(VCLK)
Transition time, VCLK
7
ns
21
td(VCLKINH-VCLKH)
Delay time, VCLKIN high to VCLK high
1
9
ns
22
td(VCLKINL-VCLKL)
Delay time, VCLKIN low to VCLK low
1
9
ns
23
td(VCLK-VCTLV)
Delay time, VCLK edge to VCTL valid
9
ns
24
td(VCLK-VCTLIV)
Delay time, VCLK edge to VCTL invalid
0.6
ns
25
td(VCLK-VDATAV)
Delay time, VCLK edge to VDATA valid
9
ns
26
td(VCLK-VDATAIV)
Delay time, VCLK edge to VDATA invalid
0.6
ns
(1)
The VPBE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode, the
rising edge of VCLK is referenced. When in negative edge clocking mode, the falling edge of VCLK is referenced.
(2)
VCLKIN = PCLK or VPBECLK
(3)
C = VCLK period in ns.
Figure 6-26. VPBE Control and Data Output Timing With Respect to VCLK
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com