Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 232 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 232 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 228Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 229Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 230Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 231Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 232Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 233Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 234Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 235Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 306 page
background image
6.10.2.4 DAC Electrical Data/Timing
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-46. Switching Characteristics Over Recommended Operating Conditions for DAC Static
Specifications
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DC Accuracy
-1.0
1.0
LSB
Integral Non-Linearity (INL)
-0.5
0.5
LSB
Differential Non-Linearity (DNL)
Analog Output
0.5
LSB
Offset Error
5
%FS
Gain Error
500
mVPP
Full-Scale Output Voltage
RLOAD = 500 Ω
Output Capacitance
200
pF
Reference
0.475
0.5
0.525
V
Reference Voltage Range (VREF)
3.3
4.0
4.4
k
Ω
Full-Scale Current Adjust Resistor (RBIAS)
Table 6-47. Switching Characteristics Over Recommended Operating Conditions for DAC Dynamic
Specifications
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Output Update Rate (FCLK)
27
60
MHz
Signal Bandwidth
6
MHz
FCLK = 27 MHz
60
dB
FOUT = 2.0 MHz
SFDR to Nyquist
FCLK = 60 MHz
60
dB
FOUT = 2.0 MHz
FCLK = 27 MHz
60
db
FOUT = 2.0 MHz
SFDR within Bandwidth
FCLK = 60 MHz
60
dB
FOUT = 2.0 MHz
PSRR Over Temp vs Power Supply
50
dB
Peripheral Information and Electrical Specifications
232
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com