Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 147 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 143Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 144Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 145Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 146Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 147Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 148Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 149Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 150Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-54. EMIFA/VPSS Sub-Block 1 Configuration Choices E and G(1)
MAJOR
MINOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG
CONFIG
AEM
OTHERS
EMIFA
VPBE
GPIO
OPTION
OPTION
8-bit EMIFA (NAND)
Cfg Summary
No VENC
14-to-18 GP pins
Pinout Mode 5
VENCSEL = 0
0 = EM_D[7:0]
-
0 = GP[31, 29:22]
0 = EM_A[2:1],
RGBSEL = 0
-
0 = GP[11:10, 7:5]
EM_CS2
E1,G1
101
CS3SEL = 0,1
1 = EM_CS3
-
0 = GP[13]
CS4SEL = 0,1
1 = EM_CS4
-
0 = GP[32]
CS5SEL = 0,1
1 = EM_CS5
-
0 = GP[33]
1 = VPBECLK, can
VPBECKEN = 0,1
-
0 = GP[30]
be used by DAC
8-bit EMIFA (NAND)
E,G
Cfg Summary
8-bit VENC
4-to-9 GP pins
Pinout Mode 5
1 = VCLK,
VENCSEL = 1
1 = EM_D[7:0]
-
YOUT[7:0]
0 = EM_A[2:1],
EM_CS2
0 = none
0 = GP[11:10, 7:5]
RGBSEL = 0,1
E2,G2
101
1 = EM_A[2:1],
1 = LCD_FIELD
1 = GP[10, 7:5]
EM_CS2
CS3SEL = 0,1,2
1 = EM_CS3
2 = LCD_OE
0 = GP[13]
CS4SEL = 0,1,2
1 = EM_CS4
2 = VSYNC
0 = GP[32]
CS5SEL = 0,1,2
1 = EM_CS5
2 = HSYNC
0 = GP[33]
VPBECKEN = 0,1
-
1 = VPBECLK
0 = GP[30]
(1)
Italics indicate mandatory setting for a given Minor Configuration option.
The Sub-Block 1 Minor Configuration Options are independent from the Sub-Block 0 Minor Configuration
Options. The user can independently select the appropriate Minor Configuration Option for each
Sub-Block.
As shown in Table 3-50 through Table 3-54, the configuration choices of the EMIFA/VPSS Sub-Block 1
are determined by the following PINMUX register fields:
• PINMUX0 register fields AEM, VENCSEL, RGBSEL, CS3SEL, CS4SEL, CS5SEL, and VPBECKEN.
The following is an example on how to read Table 3-50 through Table 3-54 using Sub-Block 1 Minor
Configuration G2 as an example:
• The PINMUX Selection Fields columns indicate that Sub-Block 1 Minor Configuration Option G2 is
selected through setting PINMUX0 fields to AEM = 5, VENCSEL = 1, RGBSEL = 0 or 1 (based on
whether the VPBE LCD_FIELD pin is needed), CS3SEL = 0/1/2 (based on the desired pin choice),
CS4SEL = 0/1/2 (based on the desired pin choice), CS5SEL = 0/1/2 (based on the desired pin choice),
and VPBECKEN = 0/1 (based on whether VPBE VPBECLK is needed).
• The Resulting Peripherals/Pins columns show the functional pins resulting from the PINMUX setting.
For example, PINMUX0.VENCSEL = 1 gives you the VCLK and YOUT[7:0] pins for the VPBE, in
addition to EM_D[7:0] pins for the EMIFA. PINMUX0.RGBSEL = 1 gives you the LCD_FIELD pin for
the VPBE, along with EM_A[2:1] and EM_CS2 for the EMIFA, and 4 GP pins.
Submit Documentation Feedback
Device Configurations
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com