Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 148 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 144Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 145Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 146Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 147Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 148Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 149Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 150Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 151Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
3.7.3.13.5 EMIFA/VPSS Sub-Block 2 Configuration Choices
The 3 pins in the EMIFA/VPSS Sub-Block 2 are standalone (non-multiplexed) pins. They always function
as EMIFA control pins EM_WAIT/(RDY/BSY), EM_OE, and EM_WE. No pin mux selection is necessary
for this Sub-Block.
3.7.3.13.6 EMIFA/VPSS Sub-Block 3 Configuration Choices
The 8 pins in the EMIFA/VPSS Sub-Block 3 are multiplexed between:
• EMIFA Address Pins EM_A[12:5]
• PCI pins: PCBE3, PIDSEL, AD[24:19]
• GPIO pins GP[96:89]
The pin functions in the EMIFA/VPSS Sub-Block 3 are determined by the following PINMUX register
fields:
• PINMUX1.PCIEN
• PINMUX0.AEM
Once the Major Configuration Option for the EMIFA/VPSS Block (see Section 3.7.3.13.2, EMIFA/VPSS
Block Major Configuration Choices) is chosen, no further actions are necessary to refine the EMIFA/VPSS
Sub-Block 3 pin selection. For instructions on configuring the EMIFA/VPSS Block, see Section 3.7.3.13.1,
EMIFA/VPSS Block Pin Selection Procedure.
Table 3-55 summarizes the pin selections in the EMIFA/VPSS Sub-Block 3 based on the PINMUX
selections.
Table 3-55. EMIFA/VPSS Sub-Block 3 Configuration Choices
MAJOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG
PCIEN
AEM
PCI
EMIFA
GPIO
OPTION
A
0
000
-
-
GP[96:89]
B
0
001
-
EM_A[12:5]
-
C
0
011
-
EM_A[12:5]
-
D
0
100
-
-
GP[96:89]
E
0
101
-
-
GP[96:89]
F
1
000
PCBE3, PIDSEL, AD[24:19]
-
-
G
1
101
PCBE3, PIDSEL, AD[24:19]
-
-
The following is an example on how to read Table 3-55 using Sub-Block 3 Major Configuration C as an
example:
• The PINMUX Selection Fields columns indicate that Sub-Block 3 Major Configuration Option C is
selected through PINMUX1.PCIEN = 0 and PINMUX0.AEM = 3.
• The Resulting Peripherals/Pins columns show the functional pins resulting from the PINMUX setting. In
Major Configuration C, the user gets EMIFA address pins EM_A[12:5] from Sub-Block 3.
Device Configurations
148
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com