Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 151 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 147Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 148Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 149Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 150Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 151Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 152Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 153Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 154Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-57. EMIFA/VPSS Sub-Block 1 Pin-By-Pin Mux Control
MULTIPLEXED FUNCTIONS
SIGNAL
VPBE
VPBE
EMIFA
GPIO
NAME
EXTRA FUNCTIONS
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
HSYNC/EM_CS5/GP[33]
HSYNC
CS5SEL = 2
–
–
EM_CS5
CS5SEL = 1
GP[33]
CS5SEL = 0
VSYNC/EM_CS4/GP[32]
VSYNC
CS4SEL = 2
–
–
EM_CS4
CS4SEL = 1
GP[32]
CS4SEL = 0
VPBECLK/GP[30]
VPBECLK
VPBECKEN = 1
–
–
–
–
GP[30]
VPBECKEN = 0
VCLK/GP[31]
VCLK
VENCSEL = 1/2
–
–
–
–
GP[31]
VENCSEL = 0
YOUT7/GP[29]
YOUT7
–
–
–
–
GP[29]
YOUT6/GP[28]
YOUT6
–
–
–
–
GP[28]
YOUT5/GP[27]
YOUT5
–
–
–
–
GP[27]
YOUT4/GP[26]/(FASTBOOT)
YOUT4
–
–
–
–
GP[26]
YOUT3/GP[25]/(BOOTMODE3)
YOUT3
–
–
–
–
GP[25]
YOUT2/GP[24]/(BOOTMODE2)
YOUT2
–
–
–
–
GP[24]
YOUT1/GP[23]/(BOOTMODE1)
YOUT1
–
–
–
–
GP[23]
YOUT0/GP[22]/(BOOTMODE0)
YOUT0
–
–
–
–
GP[22]
COUT7/EM_D[7]/GP[21]
COUT7
VENCSEL = 2,
–
–
EM_D[7]
VENCSEL =
GP[21]
VENCSEL =
AEM = 0/3/4
0/1,
0/1,
COUT6/EM_D[6]/GP[20]
COUT6
–
–
EM_D[6]
GP[20]
AEM = 1/5
AEM = 0/3/4
COUT5/EM_D[5]/GP[19]
COUT5
–
–
EM_D[5]
GP[19]
COUT4/EM_D[4]/GP[18]
COUT4
–
–
EM_D[4]
GP[18]
COUT3/EM_D[3]/GP[17]
COUT3
–
–
EM_D[3]
GP[17]
COUT2/EM_D[2]/GP[16]
COUT2
–
–
EM_D[2]
GP[16]
COUT1/EM_D[1]/GP[15]
COUT1
–
–
EM_D[1]
GP[15]
COUT0/EM_D[0]/GP[14]
COUT0
–
–
EM_D[0]
GP[14]
LCD_OE/EM_CS3/GP[13]
LCD_OE
CS3SEL = 2
–
–
EM_CS3
CS3SEL = 1
GP[13]
CS3SEL = 0
G0/EM_CS2/GP[12]
G0
–
–
EM_CS2
GP[12]
G1/EM_A[1]/(ALE)/
RGBSEL =
RGBSEL =
G1
–
–
EM_A[1]/(ALE)
GP[9]
GP[9]/(AEAW1/PLLMS1)
0/1
(1),
0/1/2/3,
AEM = 1/3/4/5
AEM = 0
B1/EM_A[2]/(CLE)/GP[8]/
B1
–
–
EM_A[2]/(CLE)
GP[8]
(AEAW0/PLLMS0)
RGBSEL = 4,
LCD_FIELD
RGBSEL =
EM_A[3]
GP[11]
RGBSEL =
AEM = 0
B0/LCD_FIELD/EM_A[3]/GP[11
B0
1/3
(1),
0/2
(1),
]
AEM = 0/4/5
AEM = 0/4/5
R0/EM_A[4]/GP[10]/
RGBSEL =
R0
–
–
EM_A[4]
GP[10]
RGBSEL = 0,
(AEAW2/PLLMS2)
0/1/2/3
(1),
AEM = 1/3
AEM = 0/4/5
R1/EM_A[0]/GP[7]/(AEM2)
R1
–
–
EM_A[0]
GP[7]
R2/EM_BA[0]/GP[6]/(AEM1)
R2
RGBSEL =
–
–
EM_BA[0]
GP[6]
RGBSEL = 0/1,
2/3/4,
AEM = 0/4/5
B2/EM_BA[1]/GP[5]/(AEM0)
B2
–
–
EM_BA[1]
GP[5]
AEM = 0
(1)
Valid RGBSEL settings depend on AEM mode:
•
RGBSEL = 0 is valid for AEM[2:0] = 0/1/3/4/5
•
RGBSEL = 1 is only valid if AEM[2:0] = 0/4/5
•
RGBSEL = 2/3/4 is only valid if AEM[2:0] = 0
Table 3-58. EMIFA/VPSS Sub-Block 3 Pin-By-Pin Mux Control
MULTIPLEXED FUNCTIONS
SIGNAL
NAME
EMIFA
PCI
GPIO
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
EM_A[12]/PCBE3/GP[89]
EM_A[12]
PCBE3
GP[89]
EM_A[11]/AD24/GP[90]
EM_A[11]
AD24
GP[90]
EM_A[10]/AD23/GP[91]
EM_A[10]
AD23
GP[91]
EM_A[9]/PIDSEL/GP[92]
EM_A[9]
PIDSEL
GP[92]
PCIEN = 0,
PCIEN = 1,
PCIEN = 0,
AEM = 1/3
AEM = 0/5
AEM = 0/4/5
EM_A[8]/AD21/GP[93]
EM_A[8]
AD21
GP[93]
EM_A[7]/AD22/GP[94]
EM_A[7]
AD22
GP[94]
EM_A[6]/AD20/GP[95]
EM_A[6]
AD20
GP[95]
EM_A[5]/AD19/GP[96]
EM_A[5]
AD19
GP[96]
Submit Documentation Feedback
Device Configurations
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com