Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 67 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 67 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 63Page - Teccor Electronics AC16FSM Datasheet HTML 64Page - Teccor Electronics AC16FSM Datasheet HTML 65Page - Teccor Electronics AC16FSM Datasheet HTML 66Page - Teccor Electronics AC16FSM Datasheet HTML 67Page - Teccor Electronics AC16FSM Datasheet HTML 68Page - Teccor Electronics AC16FSM Datasheet HTML 69Page - Teccor Electronics AC16FSM Datasheet HTML 70Page - Teccor Electronics AC16FSM Datasheet HTML 71Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 223 page
background image
©2002 Teccor Electronics
E6 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Selected
Package
s*
U.L.
RECOGN
IZED
File
#E71639
AK
G
SCRs
(1 A to 70 A)
E6
General Description
The Teccor line of thyristor SCR semi-conductors are half-wave,
unidirectional, gate-controlled rectifiers which complement Tec-
cor's line of sensitive SCRs. Teccor offers devices with ratings of
1 A to 70 A and 200 V to 1000 V, with gate sensitivities from
10 mA to 50 mA. If gate currents in the 12 µA to 500 µA ranges
are required, see “Sensitive SCRs” section of this catalog.
Three packages are offered in electrically isolated construction
where the case or tab is internally isolated to allow the use of
low-cost assembly and convenient packaging techniques.
The Teccor line of SCRs features glass-passivated junctions to
ensure long-term reliability and parameter stability. Teccor’s
glass offers a rugged, reliable barrier against junction contamina-
tion.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for more informa-
tion.
Features
•
Electrically-isolated package
•
High voltage capability — 200 V to 1000 V
•
High surge capability — up to 950 A
•
Glass-passivated chip
Compak SCR
•
Surface mount package — 1 A series
•
New small profile three-leaded Compak package
•
Packaged in embossed carrier tape with 2,500
devices per reel
•
Can replace SOT-223
E6
TO-92
*TO-218
TO-202
*TO-218X
3-lead
Compak
TO-252
D-Pak
TO-251
V-Pak
*TO-220
TO-263
D2Pak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com