Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 27 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 27 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 23Page - Teccor Electronics AC16FSM Datasheet HTML 24Page - Teccor Electronics AC16FSM Datasheet HTML 25Page - Teccor Electronics AC16FSM Datasheet HTML 26Page - Teccor Electronics AC16FSM Datasheet HTML 27Page - Teccor Electronics AC16FSM Datasheet HTML 28Page - Teccor Electronics AC16FSM Datasheet HTML 29Page - Teccor Electronics AC16FSM Datasheet HTML 30Page - Teccor Electronics AC16FSM Datasheet HTML 31Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 223 page
background image
Data Sheets
Sensitive Triacs
©2002 Teccor Electronics
E1 - 7
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E1.3 Maximum Allowable Case Temperature versus
On-state Current (4 A, 6 A, and 8 A)
Figure E1.4 On-state Current versus On-state Voltage (Typical)
Figure E1.5 Normalized DC Holding Current versus Case Temperature
Figure E1.6 Normalized DC Gate Trigger Voltage for All Quadrants
versus Case Temperature
Figure E1.7 Normalized DC Gate Trigger Current for All Quadrants
versus Case Temperature
Figure E1.8 Turn-on Time versus Gate Trigger Current (Typical)
01
2
3
4
5
6
7
8
60
65
70
75
80
85
90
95
100
105
110
RMS On-State Current [IT(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawings
4 A TYPE 1 and 3 TO-202
4 A TO-220 (Isolated)
4 A TO-252
8 A
TO-220
(Isolated)
6 A
TO-220
(Isolated)
4 A TYPE 2 and 4 TO-202
4 A TO-251
8 A
TO-251
and
TO-252
6 A TO-251
6 A TO-252
0
0.5
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
16
18
20
Positive or Negative Instantaneous
On-state Voltage (vT) - Volts
1 A
4 A
6 A and 8 A
T
C = 25 ˚ C
0.8 A
-40
-15
+25
+65
+110 +125
0
1.0
2.0
3.0
4.0
-65
Case Temperature (TC) - ˚C
INITIAL ON-STATE CURRENT
= 100 mA (DC) 0.8 - 4 A Devices
= 200 mA (DC) 6 - 8 A Devices
-65
-40
-15
+65
+110 +125
+25
0
.5
1.0
1.5
2.0
Case Temperature (TC) - ˚ C
-65
-40
-15
+65
+110 +125
+25
0
1.0
2.0
3.0
4.0
Case Temperature (TC) - ˚C
12
3
4
6
5
8
10
20
30
40
60
80 100
I
GT
= 5 mA MAX
I
GT
= 10 mA MAX
I
GT
= 20 mA
MAX
I
GT
= 3 mA MAX
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
DC Gate Trigger Current (IGT) - mA
TC = 25 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com