Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 51 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 51 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 47Page - Teccor Electronics AC16FSM Datasheet HTML 48Page - Teccor Electronics AC16FSM Datasheet HTML 49Page - Teccor Electronics AC16FSM Datasheet HTML 50Page - Teccor Electronics AC16FSM Datasheet HTML 51Page - Teccor Electronics AC16FSM Datasheet HTML 52Page - Teccor Electronics AC16FSM Datasheet HTML 53Page - Teccor Electronics AC16FSM Datasheet HTML 54Page - Teccor Electronics AC16FSM Datasheet HTML 55Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 223 page
background image
Data Sheets
Alternistor Triacs
©2002 Teccor Electronics
E4 - 7
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E4.1 Maximum Allowable Case Temperature versus
On-state Current (6 A to 12 A)
Figure E4.2 Maximum Allowable Case Temperature versus
On-state Current (8 A to 12 A)
Figure E4.3 Maximum Allowable Case Temperature versus
On-state Current (16 A)
Figure E4.4 Maximum Allowable Case Temperature versus
On-state Current (25 A to 40 A)
Figure E4.5 On-state Current versus On-state Voltage (Typical)
(6 A to 12 A)
Figure E4.6 On-state Current versus On-state Voltage (Typical)
(16 A to 40 A)
02468
10
12
14
0
60
70
80
90
100
110
120
130
RMS On-State Current [lT(RMS)] - AMPS
12A TO-220 (ISOLATED)
10A TO-220 (NON-ISOLATED)
AND D2 PAK
6A TO-220 (ISOLATED)
6A TO-220
(NON-ISOLATED)
AND D2 PAK
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
02468
10
12
14
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
12 A TO-220 (Non-isolated)
and TO-263
10 A TO-220 (Isolated)
8 A TO-220 (Non-isolated),
TO-263, TO-251, and TO-252
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
8 A TO-220 (Isolated)
0
60
70
80
90
100
110
120
130
0
5
10
15
RMS On-state Current [IT(RMS)] – Amps
16A
TO-220
(Non-isolated)
and
TO-263
16A
TO
-220
(Isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
0
1020304050
50
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
35 A TO-220 (Non-isolated)
and TO-263
25 A and 30 A
TO-220 (Isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
40 A TO-218
(Isolated)
25
25 A TO-220 (Non-isolated)
TO-218 (Isolated)
TO-263
0
2
6
8
10
12
14
16
18
20
0
0.6
0.8
1.0
1.2
1.4
1.6
Positive or Negative Instantaneous
On-state Voltage (v
T
) – Volts
TC = 25 ˚C
4
6 A to 12 A Devices
90
80
70
60
50
40
30
20
10
0
0
0.6
0.8
1.0
1.2
1.4
1.6
TC = 25˚C
1.8
Positive or Negative Instantaneous On-state Voltage (v
T
) – Volts
40 A Devices
16 A Devices
25 A to 35 A Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com