Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 31 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 31 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 27Page - Teccor Electronics AC16FSM Datasheet HTML 28Page - Teccor Electronics AC16FSM Datasheet HTML 29Page - Teccor Electronics AC16FSM Datasheet HTML 30Page - Teccor Electronics AC16FSM Datasheet HTML 31Page - Teccor Electronics AC16FSM Datasheet HTML 32Page - Teccor Electronics AC16FSM Datasheet HTML 33Page - Teccor Electronics AC16FSM Datasheet HTML 34Page - Teccor Electronics AC16FSM Datasheet HTML 35Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 223 page
background image
Data Sheets
Triacs
©2002 Teccor Electronics
E2 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
See “General Notes” on page E2 - 4 and “Electrical Specification Notes” on page E2 - 5.
IDRM
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (16)
mAmps
(1) (5)
Volts
(2) (6)
(15) (18)
(19)
Volts
(1) (8)
(12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10)
µSec
Amp2Sec Amps/µSec
TC =
25 °C
TC =
100 °C
TC =
125 °C
TC =
25 °C
TC =
25 °C
60/50 Hz
TC=
100 °C
TC=
125 °C
MAX
MAX
MAX
MAX
TYP
MIN
TYP
0.02
0.5
1
1.6
2
15
1
10
0.2
10/8.3
1
40
30
2.5
0.41
20
0.02
0.5
1
1.6
2
15
1
10
0.2
10/8.3
1
35
25
2.5
0.41
20
0.02
0.5
1
1.6
2
15
1
10
0.2
10/8.3
1
25
15
2.5
0.41
20
0.02
0.5
1
1.6
2.5
25
1
10
0.2
10/8.3
1
50
40
3
0.41
20
0.02
0.5
1
1.6
2.5
25
1
10
0.2
10/8.3
1
45
35
3
0.41
20
0.02
0.5
1
1.6
2.5
25
1
10
0.2
10/8.3
1
35
25
3
0.41
20
0.02
0.5
1
1.6
2
15
1
10
0.2
20/16.7
1
40
30
2.5
1.6
30
0.02
0.5
1
1.6
2
15
1
10
0.2
20/16.7
1
40
30
2.5
1.6
30
0.02
0.5
1
1.6
2
15
1
10
0.2
20/16.7
1
30
20
2.5
1.6
30
0.02
0.5
1
1.6
2.5
25
1
10
0.2
20/16.7
1
50
40
3
1.6
30
0.02
0.5
1
1.6
2.5
25
1
10
0.2
20/16.7
1
50
40
3
1.6
30
0.02
0.5
1
1.6
2.5
25
1
10
0.2
20/16.7
1
40
30
3
1.6
30
0.05
0.5
2
1.6
2
20
1.2
15
0.3
55/46
2
50
40
2.5
12.5
50
0.05
0.5
2
1.6
2
20
1.2
15
0.3
55/46
2
50
40
2.5
12.5
50
0.05
0.5
2
1.6
2
20
1.2
15
0.3
55/46
2
40
30
2.5
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
100
75
3
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
100
75
3
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
75
50
3
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
60
40
3
12.5
50
0.05
3
1.6
2.5
30
1.2
15
0.3
55/46
2
50
3
12.5
50
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
200
120
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
200
120
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
150
100
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
125
85
3
26.5
70
0.05
3
1.6
2.5
50
1.6
18
0.5
80/65
4
100
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
250
150
3
41
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
250
150
3
41
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
220
125
3
41
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
150
100
3
41
70
0.05
3
1.6
2.5
50
1.8
20
0.5
100/83
4
100
3
41
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com