Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 71 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 71 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 67Page - Teccor Electronics AC16FSM Datasheet HTML 68Page - Teccor Electronics AC16FSM Datasheet HTML 69Page - Teccor Electronics AC16FSM Datasheet HTML 70Page - Teccor Electronics AC16FSM Datasheet HTML 71Page - Teccor Electronics AC16FSM Datasheet HTML 72Page - Teccor Electronics AC16FSM Datasheet HTML 73Page - Teccor Electronics AC16FSM Datasheet HTML 74Page - Teccor Electronics AC16FSM Datasheet HTML 75Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 223 page
background image
Data Sheets
SCRs
©2002 Teccor Electronics
E6 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
See “General Notes” on page E6 - 2 and “Electrical Specification Notes” on page E6 - 3.
VTM
VGT
IH
IGM
PGM
PG(AV)
ITSM
dv/dt
I2t
di/dt
tgt
tq
(3)
Volts
(8) (17)
Volts
(5) (13)
mAmps
(12)
Amps
(12)
Watts
Watts
(6) (10) (16)
Amps
Volts/µSec
Amps2Sec
Amps/µSec
(7)
µSec
(9) (10)
µSec
TC = 25 °C TC = 25 °C
60/50 Hz
TC =
100 °C
TC =
125 °C
MAX
MAX
MAX
MIN
MIN
TYP
MAX
1.6
1.5
40
3
30
0.6
225/188
450
350
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
450
350
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
425
325
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
400
300
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
200
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
450
350
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
450
350
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
425
325
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
400
300
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
200
210
125
2
35
1.6
1.5
40
3
30
0.6
300/255
450
350
374
125
2
35
1.6
1.5
40
3
30
0.6
300/255
450
350
374
125
2
35
1.6
1.5
40
3
30
0.6
300/255
425
325
374
125
2
35
1.6
1.5
40
3
30
0.6
300/255
400
300
374
125
2
35
1.6
1.5
40
3
30
0.6
300/255
200
374
125
2
35
1.6
1.5
50
3.5
35
0.8
350/300
450
350
510
150
2
35
1.6
1.5
50
3.5
35
0.8
350/300
450
350
510
150
2
35
1.6
1.5
50
3.5
35
0.8
350/300
425
325
510
150
2
35
1.6
1.5
50
3.5
35
0.8
350/300
400
300
510
150
2
35
1.6
1.5
50
3.5
35
0.8
350/300
200
510
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
450
350
1035
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
450
350
1035
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
425
325
1035
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
400
300
1035
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
200
1035
150
2
35
1.8
1.5
60
3.5
35
0.8
520/430
650
550
1122
175
2.5
35
1.8
1.5
60
3.5
35
0.8
520/430
650
550
1122
175
2.5
35
1.8
1.5
60
3.5
35
0.8
520/430
600
500
1122
175
2.5
35
1.8
1.5
60
3.5
35
0.8
520/430
500
475
1122
175
2.5
35
1.8
1.5
60
3.5
35
0.8
520/430
250
1122
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
650
550
1750
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
650
550
1750
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
600
500
1750
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
500
475
1750
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
250
1750
175
2.5
35
1.8
2
80
5
50
1
950/800
650
550
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
650
550
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
600
500
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
500
475
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
250
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
650
550
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
650
550
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
600
500
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
500
475
3745
200
2.5
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com