Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 34 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 34 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 30Page - Teccor Electronics AC16FSM Datasheet HTML 31Page - Teccor Electronics AC16FSM Datasheet HTML 32Page - Teccor Electronics AC16FSM Datasheet HTML 33Page - Teccor Electronics AC16FSM Datasheet HTML 34Page - Teccor Electronics AC16FSM Datasheet HTML 35Page - Teccor Electronics AC16FSM Datasheet HTML 36Page - Teccor Electronics AC16FSM Datasheet HTML 37Page - Teccor Electronics AC16FSM Datasheet HTML 38Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 223 page
background image
Triacs
Data Sheets
http://www.teccor.com
E2 - 6
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
In all cases, if maximum surge capability is required, pulses
should be a minimum of one magnitude above IGT rating with a
steep rising waveform (
≤1 µs rise time).
Definition of Quadrants
Electrical Isolation
Teccor’s isolated triac packages will withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab or
base, over the operating temperature range of the device. The
following isolation table shows standard and optional isolation
ratings.
* UL Recognized File E71639
** For 4000 V isolation, use V suffix in part number.
* Mounted on 1 cm2 copper foil surface; two-ounce copper foil
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
Electrical Isolation
from Leads to Mounting Tab *
VAC RMS
TO-220
Isolated
Fastpak
Isolated
2500
Standard
Standard
4000
Optional **
N/A
Thermal Resistance (Steady State)
R θ JC [R θ JA] (TYP.) °C/W
Package Code
PE
C
F
F2
L
R
D
V
N
Type
TO-3
Fastpak
TO-92
Compak
TO-202
Type 1
TO-202
Type 2
TO-220
Isolated
TO-220
Non-isolated
TO-252
D-Pak
TO-251
V-Pak
TO-263
D2Pak
0.8 A
60 [135]
60 *
1 A
50 [95]
40 *
4A
3.5 [45]
6 [70]
3.6 [50]
3.5
6.0 [70]
6 A
3.8
3.3
1.8 [45]
1.8
8A
3.3
2.8
1.5
1.5
10 A
3.5
2.6
1.3
1.3
15 A
2.1
1.1
1.1
25 A
1.6
0.89
0.89
35 A
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com