Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 36 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 36 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 32Page - Teccor Electronics AC16FSM Datasheet HTML 33Page - Teccor Electronics AC16FSM Datasheet HTML 34Page - Teccor Electronics AC16FSM Datasheet HTML 35Page - Teccor Electronics AC16FSM Datasheet HTML 36Page - Teccor Electronics AC16FSM Datasheet HTML 37Page - Teccor Electronics AC16FSM Datasheet HTML 38Page - Teccor Electronics AC16FSM Datasheet HTML 39Page - Teccor Electronics AC16FSM Datasheet HTML 40Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 223 page
background image
Triacs
Data Sheets
http://www.teccor.com
E2 - 8
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E2.7 Maximum Allowable Ambient Temperature versus
On-state Current
Figure E2.8 On-state Current versus On-state Voltage (Typical)
(0.8 A and 1 A)
Figure E2.9 On-state Current versus On-state Voltage (Typical)
(4 A, 6 A, 8 A, and 10 A)
Figure E2.10 On-state Current versus On-state Voltage (Typical)
(15 A and 25 A)
Figure E2.11 Normalized DC Gate Trigger Current for All Quadrants
versus Case Temperature
Figure E2.12 Normalized DC Gate Trigger Voltage for All Quadrants
versus Case Temperature
120
100
80
60
40
25
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TO-220 Devices and
TO-202 (Type 1 and 3)
RMS On-state Current [IT (RMS)] — Amps
1 A TO-92
0.8 A TO-92
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
FREE AIR RATING – NO HEATSINK
TO-202 (TYPE 2 and 4)
TO-251
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
7
8
9
10
Positive or Negative Instantaneous On-state Voltage (v
T) – Volts
T
C = 25 ˚C
1 A
0.8 A
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
16
18
20
Positive or Negative Instantaneous On-state Voltage (v
T) – Volts
T
C = 25 ˚C
6-10 A
4A
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
10
20
30
40
50
60
70
80
90
Positive or Negative Instantaneous On-state Voltage (v
T) – Volts
T
C = 25 ˚C
15 A and 25 A
15 A and 25 A Fastpak
-65
-40
-15
+25
+65
+125
1.0
2.0
3.0
4.0
Case Temperature (T
C) – ˚C
-65
-15
-40
+25
+65
+125
0
.5
1.0
1.5
2.0
Case Temperature (TC) – ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com