Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 39 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 39 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 35Page - Teccor Electronics AC16FSM Datasheet HTML 36Page - Teccor Electronics AC16FSM Datasheet HTML 37Page - Teccor Electronics AC16FSM Datasheet HTML 38Page - Teccor Electronics AC16FSM Datasheet HTML 39Page - Teccor Electronics AC16FSM Datasheet HTML 40Page - Teccor Electronics AC16FSM Datasheet HTML 41Page - Teccor Electronics AC16FSM Datasheet HTML 42Page - Teccor Electronics AC16FSM Datasheet HTML 43Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 223 page
background image
©2002 Teccor Electronics
E3 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
U.L.
RECOGN
IZED
File
#E71639
Quadrac
Internally Triggered Triacs (4 A to 15 A)
E3
General Description
Teccor’s Quadrac devices are triacs that include a diac trigger
mounted inside the same package. This device, developed by
Teccor, saves the user the expense and assembly time of buying
a discrete diac and assembling in conjunction with a gated triac.
Also, the alternistor Quadrac device (QxxxxLTH) eliminates the
need for a snubber network.
The Quadrac device is a bidirectional AC switch and is gate con-
trolled for either polarity of main terminal voltage. Its primary pur-
pose is for AC switching and phase control applications such as
speed controls, temperature modulation controls, and lighting
controls where noise immunity is required.
Triac current capacities range from 4 A to 15 A with voltage
ranges from 200 V to 600 V. Quadrac devices are available in the
TO-220 package.
The TO-220 package is electrically isolated to 2500 V rms from
the leads to mounting surface. 4000 V rms is available on special
order. This means that no external isolation is required, thus
eliminating the need for separate insulators and insulator-mount-
ing steps and saving dollars over “hot tab” devices.
All Teccor triac and diac chips have glass-passivated junctions to
ensure long-term device reliability and parameter stability.
Variations of devices in this data sheet are available for custom
design applications. Consult the factory for more information.
Features
•
Glass-passivated junctions
•
Electrically-isolated package
•
Internal trigger diac
•
High surge capability — up to 200 A
•
High voltage capability — 200 V to 600 V
TO-220
Isolated
MT2
MT1
T
E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com