Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 42 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 42 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 38Page - Teccor Electronics AC16FSM Datasheet HTML 39Page - Teccor Electronics AC16FSM Datasheet HTML 40Page - Teccor Electronics AC16FSM Datasheet HTML 41Page - Teccor Electronics AC16FSM Datasheet HTML 42Page - Teccor Electronics AC16FSM Datasheet HTML 43Page - Teccor Electronics AC16FSM Datasheet HTML 44Page - Teccor Electronics AC16FSM Datasheet HTML 45Page - Teccor Electronics AC16FSM Datasheet HTML 46Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 223 page
background image
Quadrac
Data Sheets
http://www.teccor.com
E3 - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E3.1 Normalized DC Holding Current versus Case Temperature
Figure E3.2 Test Circuit
Figure E3.3 Test Circuit Waveforms
Figure E3.4 On-state Current versus On-state Voltage (Typical)
(4 A to 10 A)
Figure E3.5 On-state Current versus On-state Voltage (Typical) (15 A)
Figure E3.6 Maximum Allowable Ambient Temperature versus
On-state Current
Case Temperature (TC) – ˚C
-40
-15
+25
+65
+105
2.0
1.5
1.0
.5
0
INITIAL ON-STATE CURRENT
= 200 mA DC 4 A to 10 A
= 400 mA DC 15 A
+125
120 V
60 Hz
RL
D.U.T.
MT2
MT1
VC
CT = 0.1 µF
T
VC
∆V+
-VBO
∆V-
+VBO
20
18
16
14
12
10
8
6
4
2
0
0
0.6
0.8
1.0
1.2
1.4
1.6
Positive or Negative
Instantaneous On-state Voltage (v
T) – Volts
6 A, 8 A, and 10 A
4 A
TC = 25 ˚C
90
80
70
60
50
40
30
20
10
0
0
0.6
0.8
1.0
1.2
1.4
1.6
15 A
TC = 25˚C
1.8
Positive or Negative
Instantaneous On-state Voltage (v
T) – Volts
120
100
80
60
40
20
RMS On-state Current [IT(RMS)] – Amps
25
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
4 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com