Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 72 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 72 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 68Page - Teccor Electronics AC16FSM Datasheet HTML 69Page - Teccor Electronics AC16FSM Datasheet HTML 70Page - Teccor Electronics AC16FSM Datasheet HTML 71Page - Teccor Electronics AC16FSM Datasheet HTML 72Page - Teccor Electronics AC16FSM Datasheet HTML 73Page - Teccor Electronics AC16FSM Datasheet HTML 74Page - Teccor Electronics AC16FSM Datasheet HTML 75Page - Teccor Electronics AC16FSM Datasheet HTML 76Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 223 page
background image
SCRs
Data Sheets
http://www.teccor.com
E6 - 6
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
* Mounted on 1cm2 copper foil surface; two-ounce copper foil
Electrical Isolation
Teccor’s isolated SCR packages will withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab over
the device's operating temperature range. The following table
shows standard and optional isolation ratings.
* UL Recognized File #E71639
** For 4000 V isolation, use “V” suffix in part number.
Thermal Resistance (Steady State)
RθJC [RθJA] °C/W (TYP.)
Pkg.
Code
LF
F2
R
J
W
K
M
D
V
N
Type
TO-220
Isolated
TO-202
Type 1
Non-isolated
TO-202
Type 2
Non-isolated
TO-220
Non-isolated
TO-218X
Isolated
TO-218X
Non-isolated
TO-218
Isolated
TO-218
Non-isolated
TO-252
D-Pak
Surface Mount
TO-251AA
V-Pak
Non-isolated
TO-263
D2Pak
Non-isolated
1A
See below
6A
4.0 [50]
4.3 [45]
9.5 [70]
1.7
2.3 [70]
8A
3.4
3.9
1.8 [40]
1.5
2.0
10 A
3.0
3.4
1.6
1.45
1.7
12 A
1.5
1.4
1.6
15 A
2.5
16 A
1.3
1.3
20 A
2.4
25 A
2.35
1.0
1.0
35 A
0.70
0.70
40 A
0.6
0.6
55 A
0.5
0.53
0.53
0.5
65 A
0.86
0.86
70 A
0.60
Thermal Resistance (Steady State)
RθJC [RθJA] °C/W (TYP.)
Package Code
CE
Type
Compak
TO-92
1A
35 *
50 [145]
Electrical Isolation *
from Leads to Mounting Tab
VAC RMS
TO-220
Isolated
TO-218X
Isolated
TO-218
Isolated
2500
Standard
Standard
Standard
4000
Optional **
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com