Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 47 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 47 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 43Page - Teccor Electronics AC16FSM Datasheet HTML 44Page - Teccor Electronics AC16FSM Datasheet HTML 45Page - Teccor Electronics AC16FSM Datasheet HTML 46Page - Teccor Electronics AC16FSM Datasheet HTML 47Page - Teccor Electronics AC16FSM Datasheet HTML 48Page - Teccor Electronics AC16FSM Datasheet HTML 49Page - Teccor Electronics AC16FSM Datasheet HTML 50Page - Teccor Electronics AC16FSM Datasheet HTML 51Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 223 page
background image
Data Sheets
Alternistor Triacs
©2002 Teccor Electronics
E4 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
See “General Notes” and “Electrical Specification Notes” on page E4 - 5.
VGT
VTM
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(2) (6)
(15) (17)
(20)
Volts
(1) (5)
Volts
(1) (8)
(12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10)
µSec
Amps2Sec
(19)
Amps/µSec
TC = 25 °C
60/50 Hz
TC = 100 °C TC = 125 °C
MAX
MAX
MAX
MIN
MIN
TYP
1.3
1.6
15
1.6
18
0.4
65/55
20
100
75
4
17.5
70
1.3
1.6
15
1.6
18
0.4
65/55
20
100
75
4
17.5
70
1.3
1.6
15
1.6
18
0.4
65/55
20
75
50
4
17.5
70
1.3
1.6
15
1.6
18
0.4
65/55
20
50
40
4
17.5
70
1.3
1.6
15
1.6
18
0.4
65/55
20
40
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
500
400
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
500
400
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
400
300
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
300
200
4
17.5
70
1.3
1.6
35
1.6
18
0.5
65/55
25
150
4
17.5
70
1.3
1.6
35
1.6
18
0.5
85/80
25
750
600
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
575
450
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
425
350
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
300
250
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
150
4
30
70
1.3
1.6
15
1.6
18
0.4
85/80
20
100
75
4
30
70
1.3
1.6
15
1.6
18
0.4
85/80
20
100
75
4
30
70
1.3
1.6
15
1.6
18
0.4
85/80
20
75
50
4
30
70
1.3
1.6
15
1.6
18
0.4
85/80
20
50
40
4
30
70
1.3
1.6
15
1.6
18
0.4
85/80
20
40
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
750
400
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
575
450
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
425
350
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
300
250
4
30
70
1.3
1.6
35
1.6
18
0.5
85/80
25
150
4
30
70
1.3
1.6
35
2
20
0.5
100/83
25
500
400
4
41
70
1.3
1.6
35
2
20
0.5
100/83
25
500
400
4
41
70
1.3
1.6
35
2
20
0.5
100/83
25
400
300
4
41
70
1.3
1.6
35
2
20
0.5
100/83
25
300
200
4
41
70
1.3
1.6
35
2
20
0.5
100/83
25
150
4
41
70
1.3
1.6
50
2
20
0.5
120/110
30
1150
1000
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
1000
750
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
850
650
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
650
500
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
300
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
1150
1000
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
1000
750
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
850
650
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
650
500
4
60
70
1.3
1.6
50
2
20
0.5
120/110
30
300
4
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com