Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 52 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 52 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 48Page - Teccor Electronics AC16FSM Datasheet HTML 49Page - Teccor Electronics AC16FSM Datasheet HTML 50Page - Teccor Electronics AC16FSM Datasheet HTML 51Page - Teccor Electronics AC16FSM Datasheet HTML 52Page - Teccor Electronics AC16FSM Datasheet HTML 53Page - Teccor Electronics AC16FSM Datasheet HTML 54Page - Teccor Electronics AC16FSM Datasheet HTML 55Page - Teccor Electronics AC16FSM Datasheet HTML 56Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 223 page
background image
Alternistor Triacs
Data Sheets
http://www.teccor.com
E4 - 8
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E4.7 Normalized DC Gate Trigger Voltage for all Quadrants
versus Case Temperature
Figure E4.8 Normalized DC Gate Trigger Current for all Quadrants
versus Case Temperature
Figure E4.9 Normalized DC Holding Current versus Case Temperature
Figure E4.10 Peak Surge Current versus Surge Current Duration
(6 A to 12 A)
Figure E4.11 Peak Surge Current versus Surge Current Duration
(16 A to 40 A)
Figure E4.12 Turn-on Time versus Gate Trigger Current (Typical)
0
.5
1.0
1.5
2.0
-65
-15
+65
+25
+125
-40
Case Temperature (T
C) – ˚C
0
1.0
2.0
3.0
4.0
-65
-15
+65
+25
+125
-40
Case Temperature (T
C) – ˚C
0
1.0
2.0
3.0
4.0
-65
-15
+65
+25
+125
-40
Case Temperature (T
C) – ˚C
INITIAL ON-STATE CURRENT
= 400 mA dc 16 A to 40 A Devices
= 100 mA dc 6 to 12A Devices
200
120
40
1
2
3 45 6
8 10
20
30 40
60 80 100
200
300
600
1000
80
60
50
100
8
6
5
10
30
20
4
1
3
2
Surge Current Duration – Full Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [IT(RMS)]: Maximum
Rated Value at Specified Case Temperature
Notes:
1) Gate control may be lost during and
immediately following surge current
interval
2) Overload may not be repeated until
junction temperature has returned
to steady state rated value.
10 A to 12 A Devices
8 A TO-251
and TO-252
8 A Devices
6 A Devices
6 A TO-251
and TO-252
110
100
1000
10
20
30
40
50
60
80
100
250
300
400
1000
Surge Current Duration – Full Cycles
200
Notes:
1) Gate control may be lost during and
immediately following surge current
interval.
2) Overload may not be repeated until
junction temperature has returned to
steady-state rated value.
SUPPLY FREQUENCY: 60Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [IT(RMS)]: Maximum
Rated Value at Specified Case Temperature
40 A Devices
35 A Devices
30 A Devices
25 A Devices
16 A Devices
0
100
200
300
400
500
0
2
4
6
8
10
DC Gate Trigger Current (IGT) – mA
IGT = 80 to 100 mA
IGT = 10 mA to 35 mA
IGT = 50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com