Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 76 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 76 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 72Page - Teccor Electronics AC16FSM Datasheet HTML 73Page - Teccor Electronics AC16FSM Datasheet HTML 74Page - Teccor Electronics AC16FSM Datasheet HTML 75Page - Teccor Electronics AC16FSM Datasheet HTML 76Page - Teccor Electronics AC16FSM Datasheet HTML 77Page - Teccor Electronics AC16FSM Datasheet HTML 78Page - Teccor Electronics AC16FSM Datasheet HTML 79Page - Teccor Electronics AC16FSM Datasheet HTML 80Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 223 page
background image
SCRs
Data Sheets
http://www.teccor.com
E6 - 10
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E6.19 Instantaneous On-state Current versus On-state Voltage
(Typical) (6 A through 25 A)
Figure E6.20 Instantaneous On-state Current versus On-state Voltage
(Typical) (35 A through 70 A)
Figure E6.21 Normalized DC Gate-trigger Voltage versus
Case Temperature
Figure E6.22 Typical Turn-on Time versus Gate-trigger Current
0
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
90
Instantaneous On-state Voltage (vT) – Volts
TC = 25˚C
12 A Devices
15 A to 20 A Devices
1 A Devices
6 A to 10 A Devices
25 A Devices
0
.6
.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
140
160
180
200
Instantaneous On-state Voltage (v
T) – Volts
T
C = 25˚C
65 A and 70 A Devices
55 A Devices
35 A to 40 A Devices
-40
-15
+25
+65
+105 +125
0
0.5
1.0
1.5
Case Temperature (TC) – ˚C
10
20
30
40
50 60
80
100
200
1
2
3
4
5
6
7
0
DC Gate Trigger Current (I
GT) – mA
6 A to 12 A Devices
1 A Devices
40 A to 70 A Devices
15 A to 35 A Devices
T
C = 25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com