Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 83 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 83 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 79Page - Teccor Electronics AC16FSM Datasheet HTML 80Page - Teccor Electronics AC16FSM Datasheet HTML 81Page - Teccor Electronics AC16FSM Datasheet HTML 82Page - Teccor Electronics AC16FSM Datasheet HTML 83Page - Teccor Electronics AC16FSM Datasheet HTML 84Page - Teccor Electronics AC16FSM Datasheet HTML 85Page - Teccor Electronics AC16FSM Datasheet HTML 86Page - Teccor Electronics AC16FSM Datasheet HTML 87Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 223 page
background image
2002 Teccor Electronics
E8 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Diac
HT and ST Series
E8
General Description
Teccor’s HT and ST Series of bilateral trigger diacs offer a range
of voltage characteristics from 27 V to 45 V.
A diac semiconductor is a full-wave or bidirectional thyristor. It is
triggered from a blocking- to conduction-state for either polarity
of applied voltage whenever the amplitude of applied voltage
exceeds the breakover voltage rating of the diac.
The Teccor line of diacs features glass-passivated junctions to
ensure long-term reliability and parameter stability. Teccor’s
glass offers a rugged, reliable barrier against junction
contamination.
The diac specifications listed in this data sheet are for standard
products. Special parameter selections such as close tolerance
voltage symmetry are available. Consult the factory for more
information about custom design applications.
Features
•
Bilateral triggering device
•
Glass-passivated junctions
•
Wide voltage range selections
ST Series
•
Epoxy SMT package
•
High-temperature, solder-bonded die attachment
HT Series
•
DO-35 trigger package
•
Pre-tinned leads
E8
DO-214
DO-35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com