Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 35 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 35 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 31Page - Teccor Electronics AC16FSM Datasheet HTML 32Page - Teccor Electronics AC16FSM Datasheet HTML 33Page - Teccor Electronics AC16FSM Datasheet HTML 34Page - Teccor Electronics AC16FSM Datasheet HTML 35Page - Teccor Electronics AC16FSM Datasheet HTML 36Page - Teccor Electronics AC16FSM Datasheet HTML 37Page - Teccor Electronics AC16FSM Datasheet HTML 38Page - Teccor Electronics AC16FSM Datasheet HTML 39Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 223 page
background image
Data Sheets
Triacs
©2002 Teccor Electronics
E2 - 7
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E2.1 Maximum Allowable Case Temperature versus On-state
Current (0.8 A and 1 A)
Figure E2.2 Maximum Allowable Case Temperature versus On-state
Current (4 A and 6 A)
Figure E2.3 Maximum Allowable Case Temperature versus
On-state Current (8 A and 10 A)
Figure E2.4 Maximum Allowable Case Temperature versus
On-state Current (10 A)
Figure E2.5 Maximum Allowable Case Temperature versus
On-state Current (15 A)
Figure E2.6 Maximum Allowable Case Temperature versus
On-state Current (25 A and 35 A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – AMPS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured
as shown on Dimensional Drawing
1 A
0.8 A
01234567
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
6 A TO-220 (Isolated)
6 A TO-202
6 A TO-220 (Non-isolated)
6 A D2Pak
4 A TO-220 (Isolated)
4 A TO-202 (Type 1 and 3)
4 A TO-252
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
4 A TO-202 (TYPE 2 and 4)
4 A TO-251
0246810
12
14
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – AMPS
10 A TO-220 (Isolated)
8 A TO-220 (Non-isolated)
8 A D2Pak
8 A TO-202
8 A TO-220 (Isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
02468
10
12
14
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
10 A TO-202
10 A TO-220 (Non-isolated)
10 A D2Pak
05
10
15
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – AMPS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
15 A TO-220 (Non-isolated)
15 A D2Pak
15 A TO-220 (Isolated)
0
1020304050
50
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
25 A TO-220 (Non-isolated)
25 A D2Pak
25 A TO-3 Fastpak
35 A TO-3 Fastpak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com