Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 79 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 79 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 75Page - Teccor Electronics AC16FSM Datasheet HTML 76Page - Teccor Electronics AC16FSM Datasheet HTML 77Page - Teccor Electronics AC16FSM Datasheet HTML 78Page - Teccor Electronics AC16FSM Datasheet HTML 79Page - Teccor Electronics AC16FSM Datasheet HTML 80Page - Teccor Electronics AC16FSM Datasheet HTML 81Page - Teccor Electronics AC16FSM Datasheet HTML 82Page - Teccor Electronics AC16FSM Datasheet HTML 83Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 223 page
background image
U.L.
RECOGN
IZED
File
#E7163
9
TO-220
Isolated
AC
©2002 Teccor Electronics
E7 - 1
http://www.teccor.com
Thyristor Product Catalog
+ 1 972-580-7777
Rectifiers
(15 A to 25 A)
E7
General Description
Teccor manufactures 15 A rms to 25 A rms rectifiers with volt-
ages rated from 200 V to 1000 V. Due to the electrically-isolated
TO-220 package, these rectifiers may be used in common anode
or common cathode circuits using only one part type, thereby
simplifying stock requirements.
Teccor's silicon rectifiers feature glass-passivated junctions to
ensure long term reliability and stability. In addition, glass offers a
rugged, reliable barrier against junction contamination.
Features
•
Electrically-isolated packages
•
High voltage capabilities — 200 V to 1000 V
•
High surge capabilities — up to 350 A
•
Glass-passivated junctions
E7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com