Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 29 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 29 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 25Page - Teccor Electronics AC16FSM Datasheet HTML 26Page - Teccor Electronics AC16FSM Datasheet HTML 27Page - Teccor Electronics AC16FSM Datasheet HTML 28Page - Teccor Electronics AC16FSM Datasheet HTML 29Page - Teccor Electronics AC16FSM Datasheet HTML 30Page - Teccor Electronics AC16FSM Datasheet HTML 31Page - Teccor Electronics AC16FSM Datasheet HTML 32Page - Teccor Electronics AC16FSM Datasheet HTML 33Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 223 page
background image
©2002 Teccor Electronics
E2 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Selected
Package
s*
U.L.
RECOGN
IZED
File
#E71639
Triacs
(0.8 A to 35 A)
E2
General Description
These gated triacs from Teccor Electronics are part of a broad
line of bidirectional semiconductors. The devices range in current
ratings from 0.8 A to 35 A and in voltages from 200 V to 1000 V.
The triac may be gate triggered from a blocking to conduction
state for either polarity of applied voltage and is designed for AC
switching and phase control applications such as speed and tem-
perature modulation controls, lighting controls, and static switch-
ing relays. The triggering signal is normally applied between the
gate and MT1.
Isolated packages are offered with internal construction, having
the case or mounting tab electrically isolated from the semicon-
ductor chip. This feature facilitates the use of low-cost assembly
and convenient packaging techniques. Tape-and-reel capability
is available. See “Packing Options” section of this catalog.
All Teccor triacs have glass-passivated junctions to ensure long-
term device reliability and parameter stability. Teccor's glass-pas-
sivated junctions offer a rugged, reliable barrier against junction
contamination.
Variations of devices covered in this data sheet are available for
custom design applications. Consult factory for more information.
Features
•
Electrically-isolated packages
•
Glass-passivated junctions
•
Voltage capability — up to 1000 V
•
Surge capability — up to 200 A
Compak Package
•
Surface mount package — 0.8 A and 1 A series
•
New small profile three-leaded Compak package
•
Packaged in embossed carrier tape with 2,500
devices per reel
•
Can replace SOT-223
E2
MT2
MT1
G
TO-202
*TO-220
3-lead
Compak
TO-92
TO-251
V-Pak
TO-263
D2Pak
TO-92
TO-252
D-Pak
*TO-3
Fastpak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com