Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 45 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 45 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 41Page - Teccor Electronics AC16FSM Datasheet HTML 42Page - Teccor Electronics AC16FSM Datasheet HTML 43Page - Teccor Electronics AC16FSM Datasheet HTML 44Page - Teccor Electronics AC16FSM Datasheet HTML 45Page - Teccor Electronics AC16FSM Datasheet HTML 46Page - Teccor Electronics AC16FSM Datasheet HTML 47Page - Teccor Electronics AC16FSM Datasheet HTML 48Page - Teccor Electronics AC16FSM Datasheet HTML 49Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 223 page
background image
©2002 Teccor Electronics
E4 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Selected
Package
s*
U.L.
RECOGN
IZED
File
#E71639
Alternistor Triacs
(6 A to 40 A)
E4
General Description
Teccor offers bidirectional alternistors with current ratings from
6 A to 40 A and voltages from 200 V to 1000 V as part of Teccor's
broad line of thyristors. Teccor's alternistor is specifically
designed for applications that switch highly inductive loads.
A special chip offers the same performance as two thyristors
(SCRs) wired inverse parallel (back-to-back), providing better
turn-off behavior than a standard triac. An alternistor may be trig-
gered from a blocking to conduction state for either polarity of
applied AC voltage with operating modes in Quadrants I, II,
and III.
This new chip construction provides two electrically separate
SCR structures, providing enhanced dv/dt characteristics while
retaining the advantages of a single-chip device.
All alternistors have glass-passivated junctions to ensure long-
term reliability and parameter stability. Teccor's glass-passivated
junctions offer a reliable barrier against junction contamination.
Teccor's TO-218X package is designed for heavy, steady power-
handling capability. It features large eyelet terminals for ease of
soldering heavy gauge hook-up wire. All the isolated packages
have a standard isolation voltage rating of 2500 V rms.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for further
information.
Features
•
High surge current capability
•
Glass-passivated junctions
•
2500 V ac isolation for L, J, and K Packages
•
High commutating dv/dt
•
High static dv/dt
*TO-220
*TO-218
*TO-218X
MT2
MT1
G
E4
TO-263
D2Pak
TO-252
D-Pak
TO-251
V-Pak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com