Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 43 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 43 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 39Page - Teccor Electronics AC16FSM Datasheet HTML 40Page - Teccor Electronics AC16FSM Datasheet HTML 41Page - Teccor Electronics AC16FSM Datasheet HTML 42Page - Teccor Electronics AC16FSM Datasheet HTML 43Page - Teccor Electronics AC16FSM Datasheet HTML 44Page - Teccor Electronics AC16FSM Datasheet HTML 45Page - Teccor Electronics AC16FSM Datasheet HTML 46Page - Teccor Electronics AC16FSM Datasheet HTML 47Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 223 page
background image
Data Sheets
Quadrac
©2002 Teccor Electronics
E3 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E3.7 Maximum Allowable Case Temperature versus
On-state Current (4 A)
Figure E3.8 Maximum Allowable Case Temperature versus
On-state Current (6 A to 15 A)
Figure E3.9 Peak Surge Current versus Surge Current Duration
Figure E3.10 Power Dissipation (Typical) versus On-state Current (4 A)
Figure E3.11 Power Dissipation (Typical) versus On-state Current
(6 A to 10 A and 15 A)
Figure E3.12 Normalized diac VBO versus Junction Temperature
RMS On-state Current [IT(RMS)] – Amps
0
.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured
as shown on Dimensional Drawings
130
120
110
100
90
80
70
60
0
4 A
RMS On-state Current [IT(RMS)] – Amps
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured
as shown on Dimensional Drawings
130
120
110
100
90
80
70
60
0
6 A
10 A
8 A
15 A
200
120
40
1
2
3 4 5 6
8 10
20
3040
60 80 100
200
300
600
1000
80
60
50
100
8
6
5
10
30
20
4
1
3
2
Surge Current Duration – Full Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [IT(RMS)]: Maximum
Rated Value at Specified Case Temperature
NOTES:
1) Gates control may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned to
steady state rated value.
15 A
10 A
8 A
6 A
4 A
RMS On-state Current [IT(RMS)] – Amps
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
4 A
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
18
16
14
12
10
8
6
4
2
0
16
14
12
10
8
6
4
2
0
RMS On-state Current [I
T(RMS)] – Amps
15 A
6 A to 10 A
-8
-6
-4
-2
0
+2
+4
-40
-20
0
+20 +40 +60 +80 +100 +120 +140
Junction Temperature (T
J) – ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com