Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 97 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 97 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 93Page - Teccor Electronics AC16FSM Datasheet HTML 94Page - Teccor Electronics AC16FSM Datasheet HTML 95Page - Teccor Electronics AC16FSM Datasheet HTML 96Page - Teccor Electronics AC16FSM Datasheet HTML 97Page - Teccor Electronics AC16FSM Datasheet HTML 98Page - Teccor Electronics AC16FSM Datasheet HTML 99Page - Teccor Electronics AC16FSM Datasheet HTML 100Page - Teccor Electronics AC16FSM Datasheet HTML 101Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 223 page
background image
Data Sheets
Package Dimensions
2002 Teccor Electronics
M1 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
S Package — DO-214AA
M Package — TO-218AC
Non-Isolated Mounting Tab Common with Center Lead
K Package — TO-218AC
Isolated Mounting Tab
0.079
(2.0)
0.110
(2.8)
0.079
(2.0)
Pad Outline
H
K
J
E
F
L
G
A
C
B
D
TC / TL Temperature
Measurement Point
Dimensions are in inches
(and millimeters).
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.140
0.155
3.56
3.94
B
0.205
0.220
5.21
5.59
C
0.077
0.083
1.96
2.11
D
0.166
0.180
4.22
4.57
E
0.036
0.056
0.91
1.42
F
0.073
0.083
1.85
2.11
G
0.004
0.008
0.10
0.20
H
0.077
0.086
1.96
2.18
J
0.043
0.053
1.09
1.35
K
0.008
0.012
0.20
0.30
L
0.027
0.049
0.69
1.24
C
D
H
G
F
B
A
E
TC Measurement Point
U DIA.
M Package
MT2 / Anode
P
Gate / PIN 3
J
MT2 / Anode / PIN 2
MT1 / Cathode / PIN 1
M
N 3 Times
K
L
R
Q
Note: Maximum torque
to be applied to mounting
tab is 8 in-lbs. (0.904 Nm).
W
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.211
0.219
5.36
5.56
L
0.422
0.437
10.72
11.10
M
0.058
0.068
1.47
1.73
N
0.045
0.055
1.14
1.40
P
0.095
0.115
2.41
2.92
Q
0.008
0.016
0.20
0.41
R
0.008
0.016
0.20
0.41
U
0.159
0.163
4.04
4.14
W
0.085
0.095
2.17
2.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com