Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 73 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 73 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 69Page - Teccor Electronics AC16FSM Datasheet HTML 70Page - Teccor Electronics AC16FSM Datasheet HTML 71Page - Teccor Electronics AC16FSM Datasheet HTML 72Page - Teccor Electronics AC16FSM Datasheet HTML 73Page - Teccor Electronics AC16FSM Datasheet HTML 74Page - Teccor Electronics AC16FSM Datasheet HTML 75Page - Teccor Electronics AC16FSM Datasheet HTML 76Page - Teccor Electronics AC16FSM Datasheet HTML 77Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 223 page
background image
Data Sheets
SCRs
©2002 Teccor Electronics
E6 - 7
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E6.1 Maximum Allowable Ambient Temperature versus
RMS On-state Current
Figure E6.2 Maximum Allowable Ambient Temperature versus
Average On-state Current
Figure E6.3 Peak Capacitor Discharge Current (6 A through 55 A)
Figure E6.4 Peak Capacitor Discharge Current Derating
(6 A through 55 A)
Figure E6.5 Maximum Allowable Case Temperature versus
RMS On-state Current (1 A)
Figure E6.6 Maximum Allowable Case Temperature versus
RMS On-state Current (6 A, 8 A, and 10 A)
20
40
60
80
100
120
0
0.2
0.4
0.6 0.8
1.0
1.2 1.4
1.6
1.8
2.0 2.2
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
FREE AIR RATING
RMS On-state Current [IT(RMS)] – Amps
8 A TO-220 (Non-isolated)
6 A TO-220 (Isolated) and
6 A TO-202 (Types 1 and 3)
1 A TO-92
6 A TO-202
(Types 2 and 4)
and 6 A TO-251
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Average On-state Current [IT(AV)] – Amps
8 A TO-220 (Non-isolated)
6 A TO-220 (Isolated) and
6 A TO-202 (Types 1 and 3)
1 A TO-92
6 A TO-202
(Types 2 and 4)
and 6 A TO-251
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
FREE AIR RATING
0.5
1.0
2.0
5.0
10
20
50
20
50
100
200
300
1000
Pulse Current Duration (tw) – ms
tw
ITM
tw = 5 times constants
6 A to 10 A Devices
12 A Devices
25 A Devices
55 A Devices
15 A and 16 A
Devices
25
50
75
100
125
0
0.2
0.4
0.6
0.8
1.0
Case Temperature (TC) – ˚C
50
60
70
80
90
100
110
120
130
RMS On-state Current [IT(RMS)] – Amps
0
0.4
0.8
1.2
0.6
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawing
1.0
0.2
1 A Devices
02
46
8
10
12
50
60
70
80
90
100
110
120
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180º
CASE TEMPERATURE: Measure as
shown on dimensional drawings
RMS On-state Current [IT(RMS)] – Amps
8 A TO-220 (Isolated)
and 8 A TO-202
6 A Devices
8 A TO-220 (Non-isolated)
TO-251 and TO-252
10 A TO-220 (Isolated)
and 10 A TO-202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com