Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 37 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 37 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 33Page - Teccor Electronics AC16FSM Datasheet HTML 34Page - Teccor Electronics AC16FSM Datasheet HTML 35Page - Teccor Electronics AC16FSM Datasheet HTML 36Page - Teccor Electronics AC16FSM Datasheet HTML 37Page - Teccor Electronics AC16FSM Datasheet HTML 38Page - Teccor Electronics AC16FSM Datasheet HTML 39Page - Teccor Electronics AC16FSM Datasheet HTML 40Page - Teccor Electronics AC16FSM Datasheet HTML 41Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 223 page
background image
Data Sheets
Triacs
©2002 Teccor Electronics
E2 - 9
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E2.13 Peak Surge Current versus Surge Current Duration
Figure E2.14 Normalized DC Holding Current versus Case Temperature
Figure E2.15 Turn-on Time versus Gate Trigger Current (Typical)
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [lT(RMS)]: Maximum
Rated Value at Specified Case Temperature
NOTES: 1) Gate control may be lost during and
immediately following surge current interval.
2) Overload may not be repeated until
junction temperature has returned to
steady-state rated value.
25 A TO
-220
15 A
10 A
8 A
4 A
1 A
6 A
1
10
20
30
40
50
60
80
100
120
300
400
1000
1
10
100
1000
Surge Current Duration – Full Cycles
200
0.8 A
25 A Fastpak
35 A Fastpak
-65
-40
-15
+25
+65
+125
1.0
2.0
3.0
4.0
Case Temperature (T
C) – ˚C
INITIAL ON-STATE CURRENT
= 200 mA DC 0.8 A - 10 A Devices
= 400 mA DC 15 A - 25 A Devices
0
0
25
50
75
100
125
150
175
200
225
250
275
300
1
2
3
4
5
6
7
8
DC Gate Trigger Current (l
GT) – mA
Devices with lGT = 10 mA
Devices with lGT = 25 mA
Devices with lGT = 50 mA
T
C = 25 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com