Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 70 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 70 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 66Page - Teccor Electronics AC16FSM Datasheet HTML 67Page - Teccor Electronics AC16FSM Datasheet HTML 68Page - Teccor Electronics AC16FSM Datasheet HTML 69Page - Teccor Electronics AC16FSM Datasheet HTML 70Page - Teccor Electronics AC16FSM Datasheet HTML 71Page - Teccor Electronics AC16FSM Datasheet HTML 72Page - Teccor Electronics AC16FSM Datasheet HTML 73Page - Teccor Electronics AC16FSM Datasheet HTML 74Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 223 page
background image
SCRs
Data Sheets
http://www.teccor.com
E6 - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
See “General Notes” on page E6 - 2 and “Electrical Specification Notes” on page E6 - 3.
TYPE
Part Number
IT
VDRM &
VRRM
IGT
IDRM & IRRM
Isolated
Non-isolated
TO-220
TO-218X
TO-218
TO-220
TO-218X
TO-218
TO-263
D2Pak
(1) (15)
Amps
Volts
(4)
mAmps
(14)
mAmps
IT(RMS)
IT(AV)
TC =
25 °C
TC =
100 °C
TC =
125 °C
See “Package Dimensions” section for variations. (11)
MAX
MIN
MIN MAX
MAX
15 A
S2015L
15
9.5
200
1
30
0.01
0.5
1
S4015L
15
9.5
400
1
30
0.01
0.5
1
S6015L
15
9.5
600
1
30
0.01
0.5
1
S8015L
15
9.5
800
1
30
0.02
1
2
SK015L
15
9.5
1000
1
30
0.02
3
16 A
S2016R
S2016N
16
10
200
1
30
0.01
0.5
1
S4016R
S4016N
16
10
400
1
30
0.01
0.5
1
S6016R
S6016N
16
10
600
1
30
0.01
0.5
1
S8016R
S8016N
16
10
800
1
30
0.02
1
2
SK016R
SK016N
16
10
1000
1
30
0.02
3
20 A
S2020L
20
12.8
200
1
30
0.01
0.5
1
S4020L
20
12.8
400
1
30
0.01
0.5
1
S6020L
20
12.8
600
1
30
0.01
0.5
1
S8020L
20
12.8
800
1
30
0.02
1.0
2
SK020L
20
12.8
1000
1
30
0.02
3
25 A
S2025L
S2025R
S2025N
25
16
200
1
35
0.01
1
2
S4025L
S4025R
S4025N
25
16
400
1
35
0.01
1
2
S6025L
S6025R
S6025N
25
16
600
1
35
0.01
1
2
S8025L
S8025R
S8025N
25
16
800
1
35
0.02
1.5
3
SK025L
SK025R
SK025N
25
16
1000
1
35
0.02
3
35 A
S2035J
S2035K
35
22
200
5
40
0.01
1
2
S4035J
S4035K
35
22
400
5
40
0.01
1
2
S6035J
S6035K
35
22
600
5
40
0.01
1
2
S8035J
S8035K
35
22
800
5
40
0.02
1.5
3
SK035K
35
22
1000
5
40
0.02
3
40 A
S2040R
S2040N
40
25
200
5
40
0.01
1
2
S4040R
S4040N
40
25
400
5
40
0.01
1
2
S6040R
S6040N
40
25
600
5
40
0.01
1
2
S8040R
S8040N
40
25
800
5
40
0.02
1.5
3
SK040R
SK040N
40
25
1000
5
40
0.03
5
55 A
S2055R
S2055W
S2055M
S2055N
55
35
200
5
40
0.01
1
2
S4055R
S4055W
S4055M
S4055N
55
35
400
5
40
0.01
1
2
S6055R
S6055W
S6055M
S6055N
55
35
600
5
40
0.01
1
2
S8055R
S8055W
S8055M
S8055N
55
35
800
5
40
0.02
1.5
3
SK055R
SK055M
SK055N
55
35
1000
5
40
0.03
5
65 A
S2065J
S2065K
65
41
200
5
50
0.02
1.5
3
S4065J
S4065K
65
41
400
5
50
0.02
1.5
3
S6065J
S6065K
65
41
600
5
50
0.02
1.5
3
S8065J
S8065K
65
41
800
5
50
0.02
2
5
SK065K
65
41
1000
5
50
0.03
5
70 A
S2070W
70
45
200
5
50
0.02
1.5
3
S4070W
70
45
400
5
50
0.02
1.5
3
S6070W
70
45
600
5
50
0.02
1.5
3
S8070W
70
45
800
5
50
0.02
2
5
K
A
G
K
A
G
A
K
G
A
K A G
A
K
A
G
A
A
K
A
G
A
A
A
K
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com