Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 21 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 21 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 17Page - Teccor Electronics AC16FSM Datasheet HTML 18Page - Teccor Electronics AC16FSM Datasheet HTML 19Page - Teccor Electronics AC16FSM Datasheet HTML 20Page - Teccor Electronics AC16FSM Datasheet HTML 21Page - Teccor Electronics AC16FSM Datasheet HTML 22Page - Teccor Electronics AC16FSM Datasheet HTML 23Page - Teccor Electronics AC16FSM Datasheet HTML 24Page - Teccor Electronics AC16FSM Datasheet HTML 25Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 223 page
background image
©2002 Teccor Electronics
E1 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Selected
Package
s*
U.L.
RECOGN
IZED
File
#E71639
MT2
MT1
G
Sensitive Triacs
(0.8 A to 8 A)
E1
General Description
Teccor's line of sensitive gate triacs includes devices with current
capabilities through 8 A. Voltage ranges are available from 200 V
to 600 V. This line features devices with guaranteed gate control
in Quadrants II and IV as well as control in the commonly used
Quadrants I and III. Four-quadrant control devices require
sensitive gate triacs. They can be controlled by digital circuitry
where positive-only or negative-only pulses must control AC
current in both directions through the device. Note that triacs with
low IGT values in Quadrants II and IV will have lower dv/dt
characteristics.
The sensitive gate triac is a bidirectional AC switch and is gate
controlled for either polarity of main terminal voltage. It is used
primarily for AC switching and phase control applications such as
motor speed controls, temperature modulation controls, and
lighting controls.
The epoxy TO-92 and TO-220 configurations feature Teccor's
electrically-isolated construction where the case or mounting tab
is internally isolated from the semiconductor chip and lead
attachments. Non-isolated epoxy TO-202 packages are available
as well as TO-251 and surface mount TO-252 (D-Pak). Tape-
and-reel capability and tube packing also are available. See
“Packing Options” section of this catalog.
All Teccor triacs have glass-passivated junctions. This glassing
process prevents migration of contaminants and ensures long-
term device reliability with parameter stability.
Variations of devices covered in this data sheet are available for
custom design applications. Consult factory for more information.
Features
•
Electrically-isolated packages
•
Glass-passivated junctions ensure long device
reliability and parameter stability
•
Voltage capability — up to 600 V
•
Surge capability — up to 80 A
•
Four-quadrant gating guaranteed
Compak Sensitive Gate Triac
•
Surface mount package — 0.8 A and 1 A series
•
New small profile three-leaded Compak package
•
Packaged in embossed carrier tape with 2,500
devices per reel
•
Can replace SOT-223
TO-202
TO-92
3-lead
Compak
*TO-220
Isolated
E1
TO-252
D-Pak
TO-251
V-Pak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com