Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 38 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 38 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 34Page - Teccor Electronics AC16FSM Datasheet HTML 35Page - Teccor Electronics AC16FSM Datasheet HTML 36Page - Teccor Electronics AC16FSM Datasheet HTML 37Page - Teccor Electronics AC16FSM Datasheet HTML 38Page - Teccor Electronics AC16FSM Datasheet HTML 39Page - Teccor Electronics AC16FSM Datasheet HTML 40Page - Teccor Electronics AC16FSM Datasheet HTML 41Page - Teccor Electronics AC16FSM Datasheet HTML 42Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 223 page
background image
Triacs
Data Sheets
http://www.teccor.com
E2 - 10
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E2.16 Power Dissipation (Typical) versus On-state Current
(0.8 A and 1 A)
Figure E2.17 Power Dissipation (Typical) versus On-state Current
(6 A to 10 A and 15 A)
Figure E2.18 Power Dissipation (Typical) versus On-state Current
(25 A to 35 A)
Figure E2.19 Power Dissipation (Typical) versus RMS On-state Current
(4 A)
RMS On-state Current [I
T(RMS)] – Amps
0
0.25
0.50
0.75
1.0
1.25
0
0.5
1.0
1.5
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
1 A
0.8 A
0123456789
10 11 12 13 14 15 16
0
2
4
6
8
10
12
14
16
18
RMS On-state Current [l
T(RMS)] – Amps
6-10 A
15 A
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
0
8
16
24
32
40
0
5
10
15
20
25
30
35
40
45
RMS On-state Current [l
T(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
25 A
25 A - 35 A Fastpaks
RMS On-state Current [I
T(RMS)] – Amps
0
1.0
2.0
3.0
4.0
0
1.0
2.0
3.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
4 A
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com