Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 10 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 10 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 6Page - Teccor Electronics AC16FSM Datasheet HTML 7Page - Teccor Electronics AC16FSM Datasheet HTML 8Page - Teccor Electronics AC16FSM Datasheet HTML 9Page - Teccor Electronics AC16FSM Datasheet HTML 10Page - Teccor Electronics AC16FSM Datasheet HTML 11Page - Teccor Electronics AC16FSM Datasheet HTML 12Page - Teccor Electronics AC16FSM Datasheet HTML 13Page - Teccor Electronics AC16FSM Datasheet HTML 14Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 223 page
background image
http://www.teccor.com
P - 6
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog(972) 580-7777
Description of Part Numbers
Sensitive Triac
Quadrac
Sensitive SCR
Triac and Alternistor
L
20
04
F5
12
Device Type
L = Sensitive Triac
Voltage Rating
20 = 200 V
40 = 400 V
60 = 600 V
Current Rating
Package Type
Blank =
Compak (Surface Mount)
D = TO-252 (Surface Mount)
E = TO-92 (Isolated)
F = TO-202 (Non-islolated)
L = TO-220 (Isolated)
V = TO-251 (Non-islolated)
Gate Variations
3 = 3 mA (Q I, II, III, IV)
5 = 5 mA (Q I, II, III, IV)
6 = 5 mA (Q I, II, III)
6 = 10 mA (Q IV)
8 = 10 mA (Q I, II, III)
8 = 20 mA (Q IV)
Lead Form Dimensions
TO-202
TO-220
TO-92
X
Special Options
V = 4000 V Isolation
(TO-220 Package Only)
X8 = 0.8 A
N = 1 A
01 = 1 A
04 = 4 A
06 = 6 A
08 = 8 A
Q20
04
L
T
52
Device Type
Q =
Quadrac
Voltage Rating
20 = 200 V
40 = 400 V
60 = 600 V
Current Rating
04 = 4 A
06 = 6 A
08 = 8 A
10 = 10 A
15 = 15 A
Package Type
L = TO-220 (Isolated)
Gate Variation
T = Internal Diac Trigger
Lead Form Dimensions
TO-220
X
Special Options
V = 4000 V Isolation
(TO-220 Package Only)
H
Alternistor
Q
20
04
F3
1
Device Type
Q = Triac or Alternistor
Voltage Rating
20 = 200 V
40 = 400 V
60 = 600 V
80 = 800 V
K0 = 1000 V
Current Rating
X8 = 0.8 A
01 = 1 A
04 = 4 A
06 = 6 A
08 = 8 A
10 = 10 A
12 = 12 A
15 = 15 A
25 = 25 A
30 = 30 A
35 = 35 A
40 = 40 A
Gate Variation
DH3 and VH3 = 10mA (Q I, II, III)
3 = 10 mA (Q I, II, III)
H3 = 20mA (Q I, II, III)
4 = 25 mA (Q I, II, III)
H4 = 35 mA (Q I, II, III) *
5 = 50 mA (Q I, II, III)
H5 = 50 mA (Q I, II, III) *
6 = 80 mA (Q I, II, III) *
7 = 100 mA (Q I, II, III) *
Lead Form Dimensions
TO-202
TO-220
TO-92
TO-218X
TO-218
X
Special Options
V = 4000 V Isolation
(TO-220 Package Only)
Package Type
D = TO-252 (Surface Mount)
E = TO-92 (Isolated)
F = TO-202 (Non-isolated)
J = TO-218X (Isolated)
K = TO-218 (Isolated)
L = TO-220 (Isolated)
N = TO-263 (Surface Mount)
P =
Fastpak (Isolated)
R = TO-220 (Non-isolated)
V = TO-251 (Non-isolated)
W = TO-218X (Non-isolated)
* NOTE:
Alternistor device; no Quadrant IV operation
S
20
06
FS2
21
Device Type
S = Sensitive SCR
Voltage Rating
20 = 200 V
40 = 400 V
60 = 600 V
Current Rating
X8 = 0.8 A
N = 1 A
06 = 6 A
08 = 8 A
10 = 10 A
Package Type
Blank = Compak (Surface Mount)
D = TO-252 (Surface Mount)
F = TO-202 (Non-islolated)
L = TO-220 (Isolated)
V = TO-251 (Non-islolated)
Gate Variations
S1 = 50 µA
S2 = 200 µA
S3 = 500 µA
Lead Form Dimensions
TO-202
TO-220
X
Special Options
V = 4000 V Isolated
(TO-220 Package Only)
EC
103
D
1
75
Device Type
TCR = TO-92 (Isolated)
EC = TO-92 (Isolated)
T = TO-202 (Non-isolated)
2N = JEDEC (Isolated)
Voltage Rating for TCR
-4 = 200 V
-6 = 400 V
-8 = 600 V
Current Rating for TCR
22 = 1.5 A
Lead Form Dimensions
TO-92
TO-202
Current Rating for EC
103 = 0.8 A
Current Rating for T
106 = 4 A (IGT = 200 µA)
107 = 4 A (IGT = 500 µA)
Current Rating for 2N
5xxx = 0.8 A
Gate Current (for EC series only)
None = 200 µA
1 = 12 µA
2 = 50 µA
3 = 500 µA
Voltage Rating for EC and T
B = 200 V
D = 400 V
M = 600 V
Voltage Rating for 2N
5064 = 200 V
6565 = 400 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com