Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 25 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 25 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 21Page - Teccor Electronics AC16FSM Datasheet HTML 22Page - Teccor Electronics AC16FSM Datasheet HTML 23Page - Teccor Electronics AC16FSM Datasheet HTML 24Page - Teccor Electronics AC16FSM Datasheet HTML 25Page - Teccor Electronics AC16FSM Datasheet HTML 26Page - Teccor Electronics AC16FSM Datasheet HTML 27Page - Teccor Electronics AC16FSM Datasheet HTML 28Page - Teccor Electronics AC16FSM Datasheet HTML 29Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 223 page
background image
Data Sheets
Sensitive Triacs
©2002 Teccor Electronics
E1 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1 terminal
(2) For either polarity of gate voltage VGT with reference to MT1
terminal
(3) See Gate Characteristics and Definition of Quadrants.
(4) See Figure E1.4 for iT versus vT.
(5) See Figure E1.6 for VGT versus TC.
(6) See Figure E1.7 for IGT versus TC.
(7) See Figure E1.5 for IH versus TC.
(8) See Figure E1.9 for surge rating and specific duration.
(9) See Figure E1.8 for tgt versus IGT.
(10) See Figure E1.2 and Figure E1.3 for maximum allowable case
temperature at maximum rated current.
(11) See Figure E1.1, Figure E1.2, and Figure E1.3 for TA or TC versus
IT(RMS).
(12) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(13) Pulse width
≤10 µs
(14) TC or TL = TJ for test conditions in off state
(15) Minimum non-trigger VGT at 110 °C is 0.2 V.
Gate Characteristics
Teccor triacs may be turned on between gate and MT1 terminals
in the following ways:
•
In-phase signals (with standard AC line) using Quadrants I
and III
•
Application of unipolar pulses (gate always positive or nega-
tive), using Quadrants II and III with negative gate pulses and
Quadrants I and IV with positive gate pulses
When maximum surge capability is required, pulses should be a
minimum of one magnitude above IGT rating with a steep rising
waveform (≤1 µs rise time).
Definition of Quadrants
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (4)
Volts
(2) (5) (15)
Volts
(1) (7)
mAmps
(13)
Amps
(13)
Watts
Watts
(8) (10)
Amps
(1) (10)
Volts/µSec
(1)
Volts/µSec
(9)
µSec
Amps2Sec
Amps/µSec
TC = 25 °C
TC = 25 °C
60/50 Hz
TC = 100 °C
MAX
MAX
MAX
TYP
TYP
TYP
1.6
2
10
1.6
18
0.4
60/50
1
40
3
15
70
1.6
2
10
1.6
18
0.4
60/50
1
30
3
15
70
1.6
2
10
1.6
18
0.4
60/50
1
20
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
40
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
30
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
20
3
15
70
1.6
2
20
1.6
18
0.4
60/50
2
45
3.2
15
70
1.6
2
20
1.6
18
0.4
60/50
2
40
3.2
15
70
1.6
2
20
1.6
18
0.4
60/50
2
30
3.2
15
70
1.6
2
10
1.6
18
0.4
80/65
2
40
3
26.5
70
1.6
2
10
1.6
18
0.4
80/65
2
30
3
26.5
70
1.6
2
10
1.6
18
0.4
80/65
2
20
3
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
45
3.2
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
40
3.2
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
30
3.2
26.5
70
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com