Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 30 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 30 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 26Page - Teccor Electronics AC16FSM Datasheet HTML 27Page - Teccor Electronics AC16FSM Datasheet HTML 28Page - Teccor Electronics AC16FSM Datasheet HTML 29Page - Teccor Electronics AC16FSM Datasheet HTML 30Page - Teccor Electronics AC16FSM Datasheet HTML 31Page - Teccor Electronics AC16FSM Datasheet HTML 32Page - Teccor Electronics AC16FSM Datasheet HTML 33Page - Teccor Electronics AC16FSM Datasheet HTML 34Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 223 page
background image
Triacs
Data Sheets
http://www.teccor.com
E2 - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
See “General Notes” on page E2 - 4 and “Electrical Specification Notes” on page E2 - 5.
IT(RMS)
Part Number
VDRM
IGT
Isolated
Non-isolated
(4)
TO-92
TO-220
Compak
TO-202
TO-220
TO-252
D-Pak
TO-251
V-Pak
TO-263
D2Pak
(1)
Volts
(3) (7) (15)
mAmps
QI
QII QIII QIV
QIV
MAX
See “Package Dimensions” section for variations. (11)
MIN
MAX
TYP
0.8 A
Q2X8E3
Q2X3
200
10
10
10
25
Q4X8E3
Q4X3
400
10
10
10
25
Q6X8E3
Q6X3
600
10
10
10
25
Q2X8E4
Q2X4
200
25
25
25
50
Q4X8E4
Q4X4
400
25
25
25
50
Q6X8E4
Q6X4
600
25
25
25
50
1A
Q201E3
Q2N3
200
101010
25
Q401E3
Q4N3
400
101010
25
Q601E3
Q6N3
600
101010
25
Q201E4
Q2N4
200
252525
50
Q401E4
Q4N4
400
252525
50
Q601E4
Q6N4
600
252525
50
4A
Q2004L3
Q2004F31
Q2004D3
Q2004V3
200
10
10
10
25
Q4004L3
Q4004F31
Q4004D3
Q4004V3
400
10
10
10
25
Q6004L3
Q6004F31
Q6004D3
Q6004V3
600
10
10
10
25
Q2004L4
Q2004F41
Q2004D4
Q2004V4
200
25
25
25
50
Q4004L4
Q4004F41
Q4004D4
Q4004V4
400
25
25
25
50
Q6004L4
Q6004F41
Q6004D4
Q6004V4
600
25
25
25
50
Q8004L4
Q8004D4
Q8004V4
800
25
25
25
50
QK004L4
QK004D4
QK004V4
1000
25
25
25
50
6A
Q2006L4
Q2006F41
Q2006R4
Q2006N4
200
25
25
25
50
Q4006L4
Q4006F41
Q4006R4
Q4006N4
400
25
25
25
50
Q6006L5
Q6006F51
Q6006R5
Q6006N5
600
50
50
50
75
Q8006L5
Q8006R5
Q8006N5
800
50
50
50
75
QK006L5
QK006R5
QK006N5
1000
50
50
50
75
8A
Q2008L4
Q2008F41
Q2008R4
Q2008N4
200
25
25
25
50
Q4008L4
Q4008F41
Q4008R4
Q4008N4
400
25
25
25
50
Q6008L5
Q6008F51
Q6008R5
Q6008N5
600
50
50
50
75
Q8008L5
Q8008R5
Q8008N5
800
50
50
50
75
QK008L5
QK008R5
QK008N5
1000
50
50
50
75
MT1
G
MT2
MT1
MT2
G
G
MT1
MT2
MT2
MT1
G
MT2
MT1
G
MT2
MT2
MT2
MT2
MT1
G
MT2
MT2
G
MT1
MT2
MT2
MT1
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com